Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73533DRBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73533DRBT
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73533DRBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73533DRBT Datasheet HTML 6Page - Texas Instruments TPS73533DRBT Datasheet HTML 7Page - Texas Instruments TPS73533DRBT Datasheet HTML 8Page - Texas Instruments TPS73533DRBT Datasheet HTML 9Page - Texas Instruments TPS73533DRBT Datasheet HTML 10Page - Texas Instruments TPS73533DRBT Datasheet HTML 11Page - Texas Instruments TPS73533DRBT Datasheet HTML 12Page - Texas Instruments TPS73533DRBT Datasheet HTML 13Page - Texas Instruments TPS73533DRBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Thermal Information
Thermal Protection
Power Dissipation
P
D
+ VIN*VOUT @ IOUT
(2)
Package Mounting
TPS735xx
SBVS087G – JUNE 2008 – REVISED MARCH 2009 ......................................................................................................................................................... www.ti.com
Thermal protection disables the output when the
The ability to remove heat from the die is different for
junction temperature rises to approximately +165°C,
each
package
type,
presenting
different
allowing the device to cool. When the junction
considerations in the PCB layout. The PCB area
temperature cools to approximately +145°C the
around the device that is free of other components
output circuitry is again enabled. Depending on power
moves the heat from the device to the ambient air.
dissipation,
thermal
resistance,
and
ambient
Performance data for JEDEC low- and high-K boards
temperature, the thermal protection circuit may cycle
are given in the Dissipation Ratings table. Using
on and off. This cycling limits the dissipation of the
heavier
copper
increases
the
effectiveness
in
regulator, protecting it from damage as a result of
removing heat from the device. The addition of plated
overheating.
through-holes
to
heat-dissipating
layers
also
improves the heatsink effectiveness.
Any tendency to activate the thermal protection circuit
indicates
excessive
power
dissipation
or
an
Power dissipation depends on input voltage and load
inadequate heatsink. For reliable operation, junction
conditions. Power dissipation is equal to the product
temperature should be limited to +125°C maximum.
of the output current time the voltage drop across the
To estimate the margin of safety in a complete design
output pass element, as shown in Equation 2:
(including
heatsink),
increase
the
ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good
Note: When the device is used in a condition of
reliability, thermal protection should trigger at least
higher input and lower output voltages with the DRV
+35°C
above
the
maximum
expected
ambient
and DRB packages, PD exceeds the package rating
condition
of
your
particular
application.
This
at room temperature. This equation
shows
an
configuration
produces
a
worst-case
junction
example of the DRB package:
temperature of +125°C at the highest expected
PD = (6.5V – 1.0V) × 500mA = 2.75W, which is
ambient temperature and worst-case load.
greater than 2.5W at +25°C.
The internal protection circuitry of the TPS735xx has
been designed to protect against overload conditions.
It was not intended to replace proper heatsinking.
Solder
pad
footprint
recommendations
for
the
Continuously running the TPS735xx into thermal
TPS735xx are available from the Texas Instruments
shutdown degrades device reliability.
web site at www.ti.com.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TPS73533DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73533DRBT TI-TPS73533DRBT Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73533DRBT TI-TPS73533DRBT Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73533DRBT TI-TPS73533DRBT Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73533DRBT TI-TPS73533DRBT Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73533DRBT TI-TPS73533DRBT Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS73533DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com