Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A623157DGSR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A623157DGSR
Description  DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A623157DGSR Datasheet(HTML) 2 Page - Texas Instruments

  TS5A623157DGSR Datasheet HTML 1Page - Texas Instruments TS5A623157DGSR Datasheet HTML 2Page - Texas Instruments TS5A623157DGSR Datasheet HTML 3Page - Texas Instruments TS5A623157DGSR Datasheet HTML 4Page - Texas Instruments TS5A623157DGSR Datasheet HTML 5Page - Texas Instruments TS5A623157DGSR Datasheet HTML 6Page - Texas Instruments TS5A623157DGSR Datasheet HTML 7Page - Texas Instruments TS5A623157DGSR Datasheet HTML 8Page - Texas Instruments TS5A623157DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
Absolute Minimum and Maximum Ratings
(1) (2)
Package Thermal Impedance
TS5A623157
DUAL 10-
Ω SPDT ANALOG SWITCH
WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
SCDS253 – SEPTEMBER 2007
SUMMARY OF CHARACTERISTICS
V+ = 5 V, TA = 25°C
Configuration
2:1 multiplexer/demultiplexer (1
× SPDT)
Number of channels
2
ON-state resistance (ron)
10
ON-state resistance match (
Δron)
0.15
ON-state resistance flatness (ron(flat))
2
Turn-on/turn-off time (tON/tOFF)
5 ns / 3.4 ns
Break-before-make time (tBBM)
0.5 ns
Charge injection (QC)
5 pC
Bandwidth (BW)
371 MHz
OFF isolation (OISO)
–61 dB at 10 MHz
Crosstalk (XTALK)
–61 dB at 10 MHz
Total harmonic distortion (THD)
0.06%
Leakage current (INO(OFF)/INC(OFF))
±1
μA
Power-supply current (I+)
1.2
μA
Undershoot protection
–2 V
Overshoot protection
V+ + 2 V
Package options
10-pin VSSOP (DGS), 10-pin QFN (RSE)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNC
VNO
Analog voltage range(3)(4)(5)
–0.5
V+ + 0.5
V
VCOM
II/OK
Analog port diode current
V+ < VNC, VNO, VCOM < 0
±50
mA
INC
INO
On-state switch current
VNC, VNO, VCOM = 0 to V+
±50
mA
ICOM
VIN
Digital input voltage range(3)(4)
–0.5
6.5
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+ or GND
±100
mA
IGND
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
UNIT
DGS package
165
θJA
Package thermal impedance(1)
°C/W
RSE package
243
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TS5A623157


Similar Part No. - TS5A623157DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A623157DGSR TI1-TS5A623157DGSR Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
More results

Similar Description - TS5A623157DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_05 Datasheet
169Kb / 11P
   Low Voltage SPDT Analog Switch with 2V Undershoot Protection
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com