Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2551ARGTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2551ARGTR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551ARGTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB2551ARGTR Datasheet HTML 5Page - Texas Instruments TUSB2551ARGTR Datasheet HTML 6Page - Texas Instruments TUSB2551ARGTR Datasheet HTML 7Page - Texas Instruments TUSB2551ARGTR Datasheet HTML 8Page - Texas Instruments TUSB2551ARGTR Datasheet HTML 9Page - Texas Instruments TUSB2551ARGTR Datasheet HTML 10Page - Texas Instruments TUSB2551ARGTR Datasheet HTML 11Page - Texas Instruments TUSB2551ARGTR Datasheet HTML 12Page - Texas Instruments TUSB2551ARGTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AC ELECTRICAL CHARACTERISTICS
(1)
TUSB2551A
www.ti.com...................................................................................................................................................................................................... SCES790 – JUNE 2009
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Driver Characteristics (Low Speed)
TR
Transition rise time
CL = 200 pF (see Figure 2), CL = 600 pF
75
300
ns
TF
Transition fall time
CL = 200 pF (see Figure 2), CL = 600 pF
75
300
ns
LRFM
Rise/fall time matching
TR, TF
80
125
%
VCRS
Output signal crossover voltage
1.3
2
V
Driver Characteristics (Full Speed)
TR
Transition rise time
CL = 50 pF (see Figure 2)
4
20
ns
TF
Transition fall time
CL = 50 pF (see Figure 2)
4
20
ns
FRFM
Rise/fall time matching
TR, TF
90
111.1
%
VCRS
Output signal crossover voltage
1.3
2
V
Transceiver Timing (Full Speed)
tPVZ
OE to receiver 3-state delay
See Figure 1
15
ns
tPZD
Receiver 3-state to transmit delay
See Figure 1
15
ns
tPDZ
OE to driver 3-state delay
See Figure 1
15
ns
tPZV
Driver 3-state to receive delay
See Figure 1
15
ns
tPLH
VP, VM to D+, D– propagation delay
See Figure 4
17
ns
tPHL
tPLH
D+, D– to RCV propagation delay
See Figure 3
17
ns
tPHL
tPLH
D+, D– to VP, VM propagation delay
See Figure 3
10
ns
tPHL
(1)
Specification for packaged product only
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TUSB2551A


Similar Part No. - TUSB2551ARGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551PW TI-TUSB2551PW Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551PW TI-TUSB2551PW Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551PWG4 TI-TUSB2551PWG4 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
More results

Similar Description - TUSB2551ARGTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
logo
Texas Instruments
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com