Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9220 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9220
Description  Digital PWM System Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9220 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD9220 Datasheet HTML 7Page - Texas Instruments UCD9220 Datasheet HTML 8Page - Texas Instruments UCD9220 Datasheet HTML 9Page - Texas Instruments UCD9220 Datasheet HTML 10Page - Texas Instruments UCD9220 Datasheet HTML 11Page - Texas Instruments UCD9220 Datasheet HTML 12Page - Texas Instruments UCD9220 Datasheet HTML 13Page - Texas Instruments UCD9220 Datasheet HTML 14Page - Texas Instruments UCD9220 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
UCD9220
www.ti.com .................................................................................................................................................................................................. SLUS904 – MARCH 2009
PIN DESCRIPTIONS (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
41
V33FB
Output
Connection to the base of 3.3V linear regulator transistor (no connect if unused)
42
CS-1A
Input
Power stage 1A current sense input and input to analog comparator 1
43
ADDR_1
Input
Address sense. Channel 1
44
ADDR_0
Input
Address sense. Channel 0
45
Vtrack
Input
Voltage Track Input
46
Temperature
Input
Temperature Sense input
47
Agnd2
Input
Analog Ground
48
ADCref
Input
ADC Decoupling Capacitor - Tie 0.1
µF cap to ground
PowerPad
Power Pad
Input
It is recommended that this pad be connected to analog ground
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCD9220


Similar Part No. - UCD9220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222-EP TI1-UCD9222-EP_16 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222RGZR TI1-UCD9222RGZR Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
More results

Similar Description - UCD9220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com