Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP2590ZWVR Datasheet(PDF) 3 Page - Texas Instruments

Part # VSP2590ZWVR
Description  DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2590ZWVR Datasheet(HTML) 3 Page - Texas Instruments

  VSP2590ZWVR Datasheet HTML 1Page - Texas Instruments VSP2590ZWVR Datasheet HTML 2Page - Texas Instruments VSP2590ZWVR Datasheet HTML 3Page - Texas Instruments VSP2590ZWVR Datasheet HTML 4Page - Texas Instruments VSP2590ZWVR Datasheet HTML 5Page - Texas Instruments VSP2590ZWVR Datasheet HTML 6Page - Texas Instruments VSP2590ZWVR Datasheet HTML 7Page - Texas Instruments VSP2590ZWVR Datasheet HTML 8Page - Texas Instruments VSP2590ZWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ELECTRICAL CHARACTERISTICS
VSP2590
www.ti.com.............................................................................................................................................................................................. SBES012 – OCTOBER 2008
All specifications at TA = +25°C, all power-supply voltages = +3.0 V, and conversion rate = 36 MHz, unless otherwise noted.
VSP2560ZWV
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
16
Bits
CHANNEL
Channel
2
Channels
CONVERSION RATE
Maximum conversion/clock rate
VCC = 3.0 V
36
41.5
MHz
ANALOG INPUT (Channels A, B)
Maximum input signal level for full-scale
Gain = –3 dB
1.5
VPP
out
Maximum input signal for full-scale out
Gain = 0 dB
1.0
VPP
Allowable input range
2.5
VPP
Input capacitance
Without package, stray, or ESD capacitance
15
pF
Input limit
GND – 0.3
VCC + 3.3
V
TRANSFER CHARACTERISTICS (Channels A, B)
(DNL)
Differential nonlinearity
±0.8
LSB
±32
LSB
(INL)
Integral nonlinearity
Data range process = 0 mV to 100 mV
±10
LSB
No missing codes
Ensured
Signal-to-noise ratio(1)
Gain = 0 dB
75
dB
CCD offset correction range
–200
200
mV
PROGRAMMABLE GAIN
Analog gain programmable range
–3
+18
dB
Analog gain programmable step
3
dB
Analog gain accuracy
±0.3
dB
Analog gain channel mismatch
5
%
Digital gain programmable range
0
32
dB
Digital gain programmable step
0.032
dB
INPUT CLAMP (Channels A, B)
Clamp on-resistance
400
Clamp level
Use internal reference
1.8
V
OPTICAL BLACK CLAMP (OBCLP) LOOP
Control DAC resolution
12
Bits
Loop time constant
40.7
µs
Programmable range of clamp level
1536
3072
LSB
OBCLP level at code = 1000 0000 0000b
Optical black clamp level
2048
LSB
(center)
OB level program step
1
LSB
(1)
SNR = 20 log (full-scale voltage/rms noise).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): VSP2590


Similar Part No. - VSP2590ZWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2560 TI1-VSP2560 Datasheet
670Kb / 32P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560 TI1-VSP2560 Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560PTR TI1-VSP2560PTR Datasheet
670Kb / 32P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560PTR TI1-VSP2560PTR Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560PTRG4 TI1-VSP2560PTRG4 Datasheet
670Kb / 32P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
More results

Similar Description - VSP2590ZWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
National Semiconductor ...
LM9810 NSC-LM9810 Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two Channel Analog Front End
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Texas Instruments
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
DATEL, Inc.
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com