Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA9636ACD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UA9636ACD
Description  DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA9636ACD Datasheet(HTML) 5 Page - Texas Instruments

  UA9636ACD Datasheet HTML 1Page - Texas Instruments UA9636ACD Datasheet HTML 2Page - Texas Instruments UA9636ACD Datasheet HTML 3Page - Texas Instruments UA9636ACD Datasheet HTML 4Page - Texas Instruments UA9636ACD Datasheet HTML 5Page - Texas Instruments UA9636ACD Datasheet HTML 6Page - Texas Instruments UA9636ACD Datasheet HTML 7Page - Texas Instruments UA9636ACD Datasheet HTML 8Page - Texas Instruments UA9636ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
uA9636AC
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
SLLS110B – OCTOBER 1980 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
–10
50
10
–50
–8
–6
–4
–2
0
2
4
6
8
–40
–30
–20
–10
0
10
20
30
40
VI = 0
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
(POWER ON)
VO – Output Voltage – V
VCC
± = ±12 V
R(WS) = 100 kΩ
TA = 25°C
VI = 2 V
Figure 5
80
60
40
20
0
–20
–40
–60
–80
8
6
4
2
0
–2
–4
–6
–8
– 100
10
100
–10
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
(POWER OFF)
VO – Output Voltage – V
VCC" = 0
VI = 0
TA = 25°C
0.01
1000
10
1
2
4
7
10
20
40
100
70
200
400
700
0.1
0.04
0.4
1
4
TRANSITION TIME
vs
WAVE-SHAPING RESISTANCE
R(WS) – Wave-Shaping Resistance – MΩ
TA = 0°C
TA = 70°C
Figure 6


Similar Part No. - UA9636ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636ACD TI1-UA9636ACD Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636ACDE4 TI1-UA9636ACDE4 Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636ACDG4 TI1-UA9636ACDG4 Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636ACDR TI1-UA9636ACDR Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636ACDRE4 TI1-UA9636ACDRE4 Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results

Similar Description - UA9636ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
National Semiconductor ...
DS9636A NSC-DS9636A Datasheet
139Kb / 6P
   RS-423 Dual Programmable Slew Rate Line Driver
DS9636A NSC-DS9636A Datasheet
139Kb / 6P
   RS-423 Dual Programmable Slew Rate Line Driver
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
   Adjustable output slew rate
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com