Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17JE-13150-37D2A-FA Datasheet(PDF) 5 Page - DDK Ltd.

Part # 17JE-13150-37D2A-FA
Description  Straight DIP Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-13150-37D2A-FA Datasheet(HTML) 5 Page - DDK Ltd.

  17JE-13150-37D2A-FA Datasheet HTML 1Page - DDK Ltd. 17JE-13150-37D2A-FA Datasheet HTML 2Page - DDK Ltd. 17JE-13150-37D2A-FA Datasheet HTML 3Page - DDK Ltd. 17JE-13150-37D2A-FA Datasheet HTML 4Page - DDK Ltd. 17JE-13150-37D2A-FA Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
A :M2.6×0.45(Standard)
B :M3×0.5
C :#4-40UNC
φ3.3
M3
M3
M3
M3
M3
9
17JE
17JE Series
Unit : mm
(Shows combinations of ground tab/spacers and stud/jack sockets).
* “Equipped with” as used here means that connector has an accessory built in.
“Bundled (not built in)” as used here means that connector is supplied with an accessory not built in but bundled with it
List of Straight Type Deviations
17JE-13□□0-37-FA
17JE-23□□0-37-FA
Designations of
Ground Tab and Spacer
Stud
   
Jack Socket
 
Designation
17J-011-FA Board Lock
57D-149-6A
Spacer
Type1
Type not fastened to
panel from both sides
17L-002□
With locking device and
pan head screw and
17L-002□
17JE-13□□0-37(D2□)-FA
Type2
Type not fastened to
panel from both sides
17L-003□1
Equipped With M3 hexagon
nut and 17L-003□1
17JE-13□□0-37(D3□)-FA
With M3 hexagon nut and
17L-003□1
17JE-13□□0-37(D23□)-FA
17L-003□2-CF
Equipped With M3
hexagon nut and
17L-003□2-CF
17JE-13□□0-37(D28□)-CA
17L-003□4-CF
Equipped With M3
hexagon nut and
17L-003□4-CF
17JE-13□□0-37(D16□)-CA
Type3
Type fastened to
panel from both sides
(panel thickness : 1.3
max.)
17L-003□3
17L-003□6-CF
With Jack Sockets and
hexagon nut 17L-003□3
17JE-13□□0-37(D4□)-FA
Equipped With M3 hexa-
gon nut and 17L-003□3
17JE-13□□0-37(D31□)-FA
With Jack Sockets and
17L-003□3
17JE-13□□0-37(D36□)-FA
Equipped With M3
hexagon nut and
17L-003□6-CF
17JE-13□□0-37(D71□)-CA
With Jack Sockets and
17L-003□6-CF
17JE-13□□0-37(D30□)-CA
is recommended.
□stands for type of engaging
screw.
Stands for on combination.


Similar Part No. - 17JE-13150-37D2A-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13150-37(D23x)-FA DDK-17JE-13150-37(D23x)-FA Datasheet
572Kb / 4P
   D-Sub Connectors Straight DIP Type
17JE-13150-37-FA DDK-17JE-13150-37-FA Datasheet
572Kb / 4P
   D-Sub Connectors Straight DIP Type
More results

Similar Description - 17JE-13150-37D2A-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17DE-23090-C DDK-17DE-23090-C Datasheet
572Kb / 4P
   D-Sub Connectors Straight DIP Type
logo
Oscilent Corporation
712-M07B-1 OSCILENT-712-M07B-1 Datasheet
141Kb / 3P
   Monolithic Dip Type
715-M07A-1 OSCILENT-715-M07A-1 Datasheet
145Kb / 3P
   Monolithic Dip Type
logo
SUYIN USA, INC.
254355MS SUYIN-USA-254355MS Datasheet
131Kb / 1P
   2.54 X 2.54mm PITCH BOX HEADER STRAIGHT DIP TYPE
logo
Rohm
RPI-129B ROHM-RPI-129B Datasheet
96Kb / 3P
   Photointerrupter, Ultraminiature DIP type
logo
Mercury United Electron...
GV14 MERCURY-GV14 Datasheet
104Kb / 1P
   Dip type CMOS output
GW8 MERCURY-GW8 Datasheet
105Kb / 1P
   Dip type CMOS output
logo
Pulse A Technitrol Comp...
E8144-B02022-L PULSE-E8144-B02022-L Datasheet
111Kb / 1P
   4-POSITION DIP TYPE
logo
Suntsu Electronics, Inc...
SFLSI-22B12G SUNTSU-SFLSI-22B12G Datasheet
183Kb / 3P
   DIP TYPE SAW FILTER
logo
Mercury United Electron...
GW14 MERCURY-GW14 Datasheet
104Kb / 1P
   Dip type CMOS output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com