Electronic Components Datasheet Search |
|
17HE-B13150-74-FA Datasheet(PDF) 2 Page - DDK Ltd. |
|
17HE-B13150-74-FA Datasheet(HTML) 2 Page - DDK Ltd. |
2 / 8 page ● ● 17HE Series Unit : mm ■Receptacle Connector [Without Jack Socket] N : None - 1 : M3×0.5 tapping-hole ground tab - 2 : φ3.4 through-hole ground tab - 3 : M3×0.5 tapping-hole ground tab t=1.6 4 : M2.6×0.45 tapping-hole ground tab t=1.6 5 : Through-hole lock pin ground tab t=1.6 6 : ♯4-4OUNC tapping-hole ground tab t=1.6 <Tail shape R> Ground Tab Type P.C.B thickness 17HE-R13150-73-FA NO.OF.CONTACTS 15 CONTACT PLATENG 7 : Mating area : 0.4μm Gold over Nickel plating Tail area : Sn-Ag over Nickel plating 8 : Mating area : Gold flash over Nickel plating Tail area : Sn-Ag over Nickel plating CONNECTOR STYLE R : Right angle DIP type B : Space-Saving Right angle DIP type C : Space-Saving Right angle SMT type + 0.25 - 0.15 + 0.25 - 0.15 + 0.25 - 0.15 + 0.25 - 0.15 0 : φ2.4 through-hole ground tab - 1 : Single Lock Pin Ground Tab t=1.6 2 : Single Lock Pin Ground Tab t=1.2 3 : Single Lock Pin Ground Tab t=1.0 + 0.25 - 0.15 ±0.19 ±0.18 <Tail shape C> 0 :φ2.4 through-hole ground tab - 4 : Lock Pin Ground Tab t=1.6 5 : Lock Pin Ground Tab t=1.2 6 : Lock Pin Ground Tab t=1.0 +0.25 -0.15 ±0.19 ±0.18 <Tail shape B> 2 L 17HE |
Similar Part No. - 17HE-B13150-74-FA |
|
Similar Description - 17HE-B13150-74-FA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |