Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1543 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC1543
Description  Power Supply Supervisory Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1543 Datasheet(HTML) 3 Page - Texas Instruments

  UC1543 Datasheet HTML 1Page - Texas Instruments UC1543 Datasheet HTML 2Page - Texas Instruments UC1543 Datasheet HTML 3Page - Texas Instruments UC1543 Datasheet HTML 4Page - Texas Instruments UC1543 Datasheet HTML 5Page - Texas Instruments UC1543 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PARAMETER
TEST CONDITIONS
UC1543/UC1544
UC2543/UC2544
UC3543/UC3544
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Voltage Range
TJ = 25°C to TMAX
4.5
40
4.5
40
V
TMIN to TMAX
4.7
40
4.7
40
V
Supply Current
VIN = 40V, Output Open, TJ = 25°C
7
10
7
10
mA
TMIN
≤ TJ ≤ TMAX
15
15
mA
Reference Section
Output Voltage
TJ = 25°C
2.48
2.50
2.52
2.45
2.50
2.55
V
Output Voltage
Over Temperature Range
2.45
2.55
2.40
2.60
V
Line Regulation
VIN = 5 to 30V
1
5
1
5
mV
Load Regulation
IREF = 0 to 10mA
1
10
1
10
mV
Short Circuit Current
VREF = 0
-10
-20
-40
-12
-20
-40
mA
Temperature Stability
50
50
ppm/°C
SCR Trigger Section
Peak Output Current
VIN = 5V, RG = 0, VO = 0
-100
-300
-600
-100
-300
-600
mA
Peak Output Voltage
VIN = 15V, IO = -100mA
12
13
12
13
V
Output Off Voltage
VIN = 40V
0
0.1
0
0.1
V
Remote Activate Current
R/A Pin = Gnd
-0.4
-0.8
-0.4
-0.8
mA
Remote Activate Voltage
R/A Pin Open
2
6
2
6
V
Reset Current
Reset = Gnd, R/A = Gnd
-0.4
-0.8
-0.4
-0.8
mA
Reset Voltage
Reset open, R/A = Gnd
2
6
2
6
V
Output Current Rise Time
RL = 50
Ω, TJ = 25°C, CD = 0
400
400
mA/
µs
Prop. Delay from R/A
RL = 50
Ω, TJ = 25°C, CD = 0
300
300
ns
Prop. Delay from O/V input RL = 50
Ω, TJ = 25°C, CD = 0
500
500
ns
Comparator Section
Input Threshold (Input
voltage rising on O.V. and
falling on U.V.)
TJ = 25°C
2.45
2.50
2.55
2.40
2.50
2.60
V
Over Temperature Range
2.40
2.60
2.35
2.65
V
Input Hysteresis
25
25
mV
Input Bias Current
Sense Input = 0V
-0.3
-1.0
-0.3
-1.0
µA
Delay Saturation
0.2
0.5
0.2
0.5
V
Delay High Level
6
7
6
7
V
Delay Charging Current
VO = 0
-200
-250
-300
-200
-250
-300
µA
Indicate Saturation
IL = 10mA
0.2
0.5
0.2
0.5
V
Indicate Leakage
VIND = 40V
.01
1.0
.01
1.0
µA
Propagation Delay
Input Over Drive = 200mV, TJ = 25°C, CD = 0
400
400
ns
Input Over Drive = 200mV, TJ = 25°C, CD = 1
µF10
10
ms
Current Limit Section
Input Voltage Range
0
VIN -3V
0
VIN -3V
V
Input Bias Current
Offset Pin Open, VCM = 0
-0.3
-1.0
-0.3
-1.0
µA
Input Offset Voltage
Offset Pin Open, VCM = 0
0
10
0
10
mV
10k
Ω from Offset Pin to Gnd
80
100
120
80
100
120
mV
CMRR
0
≤ VCM ≤ 12V, VIN = 15V
6070
6070
dB
AVOL
Offset Pin Open, VCM = 0V,
RL = 10k to 15k
Ω, ∆VOUT = 1 to 6V
72
80
72
80
dB
Output Saturation
IL = 10mA
0.2
0.5
0.2
0.5
V
Output Leakage
VIND = 40V
.01
1.0
.01
1.0
µA
Small Signal Bandwidth
AV = 0dB, TJ = 25°C
5
5
MHz
Propagation Delay
VOVERDRIVE = 100mV, TJ = 25°C
200
200
ns
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the
UC1543 and UC1544; -25°C to +85°C for the UC2543 and UC2544; and 0°C to +70°C for the UC3543 and UC3544. Electrical
tests are performed with VIN = 10V and 2k
Ω pull-up resistors on all indicator outputs. All electrical specifications for the UC1544,
UC2544, and UC3544 devices are tested with the inverting over-voltage input and the non-inverting under-voltage input externally
connected to the 2.5V reference. TA = TJ.
UC1543
UC1544
UC2543
UC2544
UC3543
UC3544
3


Similar Part No. - UC1543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1543 TI-UC1543 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543J TI1-UC1543J Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543J TI-UC1543J Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543J TI1-UC1543J Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
More results

Similar Description - UC1543

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com