Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR1206F1503GT Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CR1206F1503GT
Description  Surface Mount Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CR1206F1503GT Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CR1206F1503GT Datasheet HTML 1Page - IRC - a TT electronics Company. CR1206F1503GT Datasheet HTML 2Page - IRC - a TT electronics Company. CR1206F1503GT Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (Inches and (mm))
Style
L
W
T
Wrap-around
Planar
Weight (g)
A
B*
C
0805
.079 ± .012
(2.0 ± 0.3)
.049 ± .008
(1.25 ± 0.2)
.027
(.07)
.012 ± .006
(0.3 ± 0.15)
.035
(0.9min)
.012 ± .004
(0.3 ± 0.1)
0.009
1206
.126 ± .016
(3.2 ± 0.4)
.063 ± .008
(1.6 ± 0.2)
.027
(.07)
.016 ± .008
(0.4 ± 0.2)
.067
(1.7min)
.016 ± .006
(0.4 ± 0.15)
0.020
* This dimension determines the number of conductors which may pass under the surface mounted device.
APPLICATION NOTES:
Mounting
This chip resistor is ideally suited for handling by automatic methods due to its rectangular shape and the small dimensional tolerances. Electri-
cal connection to a ceramic substrate or to a printed circuit board can be made by reflow soldering of wrap-around terminations (e.g. suffix ‘F’ in
CR0805F). The ‘F’ terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the resistor chip can
be immersed completely in the solder bath for 30 seconds at 260°C. This enables the resistor to be mounted on one side of a printed circuit board
and other wire-leaded components on the other side.
Surface Mount
Resistor
C
C
T
W
L
T
W
L
B
A
A
Planar Terminations
Wrap
Around
Terminations
(3 Faces)
CR Series Issue March 2009 Sheet 2 of 3


Similar Part No. - CR1206F1503GT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1206 ETC1-CR1206 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Bourns Electronic Solut...
CR1206 BOURNS-CR1206 Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
logo
Welwyn Components Limit...
CR1206 WELWYN-CR1206 Datasheet
165Kb / 3P
   Surface Mounted Resistors
logo
Bourns Electronic Solut...
CR1206 BOURNS-CR1206 Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR1206 BOURNS-CR1206 Datasheet
218Kb / 5P
   Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability
More results

Similar Description - CR1206F1503GT

ManufacturerPart #DatasheetDescription
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
   Surface Mount Resistor
DEC-01-2023
RMV RFE-RMV Datasheet
705Kb / 4P
   SURFACE MOUNT RESISTOR
2017.12.21
RMHV RFE-RMHV Datasheet
1Mb / 5P
   SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
   SURFACE MOUNT RESISTOR
2015.04.15
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
   SURFACE MOUNT CHIP RESISTOR
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
   Chip Resistor Surface Mount
logo
Dubilier
RPC25103J DUBILIER-RPC25103J_11 Datasheet
266Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com