Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1625 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC1625
Description  Brushless DC Motor Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1625 Datasheet(HTML) 4 Page - Texas Instruments

  UC1625 Datasheet HTML 1Page - Texas Instruments UC1625 Datasheet HTML 2Page - Texas Instruments UC1625 Datasheet HTML 3Page - Texas Instruments UC1625 Datasheet HTML 4Page - Texas Instruments UC1625 Datasheet HTML 5Page - Texas Instruments UC1625 Datasheet HTML 6Page - Texas Instruments UC1625 Datasheet HTML 7Page - Texas Instruments UC1625 Datasheet HTML 8Page - Texas Instruments UC1625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
UC1625
UC2625
UC3625
22
26
25
2
Quad Sel
RC-Osc
PWM In
27
28
1
E/A Out
E/A In(+)
E/A In (–)
OSC
SQ
R
S
Q
R
PWM CLOCK
24
SSTART
3
ISENSE
4
ISENSE1
5
ISENSE2
19
VCC
23
OV-Coast
6
Dir
7
Speed-In
2X
2.5V
250
2.9V
Q1
10
µA
3.1V
9V
DIRECTION
LATCH
0.25V
PWM CLOCK
8
H1
9
H2
L
Q
D
L
Q
D
L
Q
D
9
H3
+5V
+5V
+5V
EDGE
DETECT
ONE
SHOT
21
RC-Brake
2k
1V
DIR
COAST
CHOP
QUAD
H2
H1
H3
BRAKE
DECODER
CROSS
CONDUCTION
PROTECTION
LATCHES
18
PUA
17
PUB
16
PUC
14
PDA
13
PDB
12
PDC
15
GND
20
Tach-Out
11
Pwr Vcc
+5V
VREF
5V
REFERENCE
PWM
CLOCK
1.75V
ABS VALUE
0.2V
BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for: TA = 25
°C; Pwr VCC = VCC = 12V;
ROSC = 20k to VREF; COSC = 2nF; RTACH = 33k; CTACH = 10nF; and all outputs unloaded. TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Miscellaneous
Output Turn-On Delay
1
µs
Output Turn-Off Delay
1
µs
UDG-99044


Similar Part No. - UC1625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1625 TI1-UC1625 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1625J TI1-UC1625J Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC1625J883B TI1-UC1625J883B Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
More results

Similar Description - UC1625

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com