Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17JE-13250-07PD1 Datasheet(PDF) 2 Page - DDK Ltd.

Part # 17JE-13250-07PD1
Description  D-Sub Solder Termination(Press Contact)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-13250-07PD1 Datasheet(HTML) 2 Page - DDK Ltd.

  17JE-13250-07PD1 Datasheet HTML 1Page - DDK Ltd. 17JE-13250-07PD1 Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
17JE Series (P) Type
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
2
17JE-13 □□ 0-07P(D1)A
Socket Connector
Number of
Contact
Part Number
A
B
C
D
E
9
17JE-13090-07P(D1)A
30.70
24.99
10.98
1.37
19.50
15
17JE-13150-07P(D1)A
39.00
33.32
19.20
1.37
27.75
25
17JE-13250-07P(D1)A
52.90
47.04
33.12
1.38
41.50
37
17JE-13370-07P(D1)A
69.20
63.50
49.66
1.38
57.95
○Solder Termination Type
17JE-13250-07P(D1)A
Contact Plating
7: Contact Area: Au(Flash) over Ni Plating
  Tail Area: Sn-Ag over Ni Plating
P:Press-fabricated Contact
Connector Style
1: Socket Connector
A
B
φ0.9
(Solder Cup Bore)
11.0
D
1
n
C
E
2-φ3.1 Hole
Contact No.
Plating on Shell
3: Ni Plating
Number of Contact
09
15
25
37
Contact Material
A: Phosphor Bronze(Socket Connector)
Deviation
D1: Standard Type
Termination Style
0: Solder Cup Style


Similar Part No. - 17JE-13250-07PD1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13250-02(D1)A DDK-17JE-13250-02(D1)A Datasheet
938Kb / 5P
   17JE Series Hood Kit
17JE-13250-02D1A DDK-17JE-13250-02D1A Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-13250-02D8A2-CG DDK-17JE-13250-02D8A2-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-13250-02D8A2A-CG DDK-17JE-13250-02D8A2A-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-13250-02D8A6-CG DDK-17JE-13250-02D8A6-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
More results

Similar Description - 17JE-13250-07PD1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE DDK-17JE_2 Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
logo
Adam Technologies, Inc.
HDT15SD ADAM-TECH-HDT15SD Datasheet
195Kb / 2P
   HIGH DENSITY D-SUB SOLDER CUP TERMINATION
logo
CONEC Elektronische Bau...
132J14519X CONEC-132J14519X Datasheet
190Kb / 1P
   HIGH VOLTAGE PLUG SOCKET CONTACT solder termination angled for D-SUB COMBINATION CONNECTORS
07.05.2002
131J14519X CONEC-131J14519X Datasheet
190Kb / 1P
   HIGH VOLTAGE PLUG SOCKET CONTACT solder termination angled for D-SUB COMBINATION CONNECTORS
07.05.2002
131A25519X CONEC-131A25519X Datasheet
479Kb / 1P
   COAXIAL CONTACT PLUG 50 Ohm Solder termination 90° with 5 pins for D-SUB COMBINATION
15.06.15
131J25519X CONEC-131J25519X Datasheet
479Kb / 1P
   COAXIAL CONTACT PLUG 50 Ohm Solder termination 90° with 5 pins for D-SUB COMBINATION
15.06.15
131J35519X CONEC-131J35519X Datasheet
119Kb / 1P
   COAXIAL CONTACT PLUG 75 Ohm Solder termination 90° with 5 pins for D-SUB COMBINATION
03.03.09
131A35519X CONEC-131A35519X Datasheet
119Kb / 1P
   COAXIAL CONTACT PLUG 75 Ohm Solder termination 90° with 5 pins for D-SUB COMBINATION
03.03.09
132J25519X CONEC-132J25519X Datasheet
40Kb / 1P
   COAXIAL SOCKET CONTACT 50 OHM SOLDER TERMINATION 90º (80) WITH 5 PINS for D-SUB COMBINATION
30.03.2006
logo
Adam Technologies, Inc.
DB25PDSL ADAM-TECH-DB25PDSL Datasheet
188Kb / 2P
   D-SUBMINIATURE SOLDER CUP TERMINATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com