Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17JE-33090-02D8A2A-CG Datasheet(PDF) 3 Page - DDK Ltd.

Part # 17JE-33090-02D8A2A-CG
Description  D-Sub Connectors Solder Cup Termination
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-33090-02D8A2A-CG Datasheet(HTML) 3 Page - DDK Ltd.

  17JE-33090-02D8A2A-CG Datasheet HTML 1Page - DDK Ltd. 17JE-33090-02D8A2A-CG Datasheet HTML 2Page - DDK Ltd. 17JE-33090-02D8A2A-CG Datasheet HTML 3Page - DDK Ltd. 17JE-33090-02D8A2A-CG Datasheet HTML 4Page - DDK Ltd. 17JE-33090-02D8A2A-CG Datasheet HTML 5Page - DDK Ltd. 17JE-33090-02D8A2A-CG Datasheet HTML 6Page - DDK Ltd. 17JE-33090-02D8A2A-CG Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
17JE Series Solder-Cup Termination
Unit:mm
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
Deviation
  D8 A x
○ D-Sub Connectors with Cable Hood Kit
3
32.2
24.99
18.2
22.2
Lock Screw 
Cable Dia. φ7(max.)
97
8
54
3
2
40.5
33.32
30
Lock Screw
14 13 12
15
9
10
11
76
83
4
1
5
2
Cable Dia. φ8.0(max.)
54.0
47.04
35
7
83
42
5
6
9
11
10
12
13
23
22
21
20
19
18
17
16
15
14
24
25
Lock Screw
Cable Dia. φ9(max.)
70.5
63.5
42
Lock Screw
Cable Dia. φ10.
5(max.)
7
83
42
5
6
9
11
10
12
13
20
19
18
17
16
15
14
26
27
22
23
21
24
25
28
30
29
31
32
37
36
35
34
33
9 contact
(Less Boot)
15 contact
25 contact
37 contact
17JE-13250-02(D8Ax)A-CG
Mating Style
 1: Socket Connector (for Standard Cable)
 2: Pin Connector (for Standard Cable)
 3: Socket Connector (for Slim Cable)
 4: Pin Connector (for Slim Cable)
Terminattion
0 : Solder-cup
Contact Plating
2: Au(Flash) over Ni Plating
Plating on Shell
3: Ni Plating
Number of Contact
09, 15, 25, 37
Lead and Cadmium Free
No digit : Lead Free
  A-CG : Lead and Cadmium Free
(Socket Connector)
   -CG : Lead and Cadmium Free
(Pin Connector)
Straight Hood
Nickel Plating Metarised-finish
Thread
A:M2.60.45
B:M30.5
C:# 4-40UNC
Lock Screw
No Digit:Standard
2, 6 : Refer to page 7
※ Dimension is including the connector.
Connector with Cable Hood Kit
Socket Connector
EMI Shielded


Similar Part No. - 17JE-33090-02D8A2A-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-33090-2(D8A)-CG DDK-17JE-33090-2(D8A)-CG Datasheet
515Kb / 5P
   17JE Series Hood Kit
17JE-33090-2(D8A)A-CG DDK-17JE-33090-2(D8A)A-CG Datasheet
515Kb / 5P
   17JE Series Hood Kit
17JE-33090-2(D8A2)-CG DDK-17JE-33090-2(D8A2)-CG Datasheet
515Kb / 5P
   17JE Series Hood Kit
17JE-33090-2(D8A2)A-CG DDK-17JE-33090-2(D8A2)A-CG Datasheet
515Kb / 5P
   17JE Series Hood Kit
17JE-33090-2(D8A6)-CG DDK-17JE-33090-2(D8A6)-CG Datasheet
515Kb / 5P
   17JE Series Hood Kit
More results

Similar Description - 17JE-33090-02D8A2A-CG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT15SD ADAM-TECH-HDT15SD Datasheet
195Kb / 2P
   HIGH DENSITY D-SUB SOLDER CUP TERMINATION
DB25PDSL ADAM-TECH-DB25PDSL Datasheet
188Kb / 2P
   D-SUBMINIATURE SOLDER CUP TERMINATION
DXXX-SD ADAM-TECH-DXXX-SD Datasheet
88Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-JS ADAM-TECH-DXXX-SD-JS Datasheet
115Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-SL ADAM-TECH-DXXX-SD-SL Datasheet
110Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-BU ADAM-TECH-DXXX-SD-BU Datasheet
89Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-HT ADAM-TECH-DXXX-SD-HT Datasheet
128Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-MC ADAM-TECH-DXXX-SD-MC Datasheet
97Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-YW-BK ADAM-TECH-DXXX-SD-YW-BK Datasheet
89Kb / 1P
   D-SUB SOLDER CUP
DXXX-PD-MC ADAM-TECH-DXXX-PD-MC Datasheet
86Kb / 1P
   D-SUB PLUG SOLDER CUP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com