Electronic Components Datasheet Search |
|
M8340102K1001GA Datasheet(PDF) 3 Page - IRC - a TT electronics Company. |
|
M8340102K1001GA Datasheet(HTML) 3 Page - IRC - a TT electronics Company. |
3 / 3 page • 4222 South Staples Street • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com Schematic Data Model 1989 RZ010, RZ130 Schematic A Model 1999 RZ020, RZ140 Schematic A Model 1987 RZ010, RZ130 Schematic B Model 1998 RZ020, RZ140 Schematic B R1 R1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 R1 R1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 R1 R1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 1 2 3 4 5 6 7 8 9 10 11 12 13 14 R1 R1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 1 2 3 4 5 6 7 8 9 10 11 12 13 14 DIP 1999 03 1001 B F Prefix Model 1987 = 14-pin DIP, schematic B, gold terminations 1987SD = 14-pin DIP, schematic B, 60/40 Sn/Pb terminations 1989 = 14-pin DIP, schematic A, gold terminations 1989SD = 14-pin DIP, schematic A, 60/40 Sn/Pb terminations 1998 = 16-pin DIP, schematic B, gold terminations 1998SD = 16-pin DIP, schematic B, 60/40 Sn/Pb terminations 1999 = 16-pin DIP, schematic A, gold terminations 1999SD = 16-pin DIP, schematic A, 60/40 Sn/Pb terminations Absolute TCR 01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C; 11 = ±15ppm/°C Resistance Standard 4-digit MIL resistance code Example: 1001 = 1000 Ω; 50R0=50Ω Absolute Tolerance J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1% Optional Ratio Tolerance to R 1 F = ±1.0%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05% Custom schematics and screening available. Screening available for non-QPL values and tolerances. Contact factory for ordering information. Commercial Ordering Data Prefix Specification Sheet 01 = 14-pin DIP 02 = 16-pin DIP 13 = 14-pin HI REL DIP 14 = 16-pin HI REL DIP Characteristic M, K, H Resistance Standard 4-digit MIL resistance code Example: 1001 = 1000 Ω; 50R0=50Ω Absolute Tolerance J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1% Schematic A = Isolated; B = Bussed Schematic Standard lead termination is gold plate. Contact factory for optional 60/40 Sn/Pb solder dip finish. MIL Screened Ordering Data (MIL-PRF-83401) M83401 01 K 1001 F A TaNFilm® Precision DIP Network Commercial and MIL Qualified 1900 Series Issue January 2009 Sheet 3 of 3 |
Similar Part No. - M8340102K1001GA |
|
Similar Description - M8340102K1001GA |