Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3633 Datasheet(PDF) 7 Page - Texas Instruments

Part # UC3633
Description  Phase Locked Frequency Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3633 Datasheet(HTML) 7 Page - Texas Instruments

  UC3633 Datasheet HTML 1Page - Texas Instruments UC3633 Datasheet HTML 2Page - Texas Instruments UC3633 Datasheet HTML 3Page - Texas Instruments UC3633 Datasheet HTML 4Page - Texas Instruments UC3633 Datasheet HTML 5Page - Texas Instruments UC3633 Datasheet HTML 6Page - Texas Instruments UC3633 Datasheet HTML 7Page - Texas Instruments UC3633 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design Example
UC1633
UC2633
UC3633
Bode Plots - Design Example Open Loop Response
1.)
KLF(s)
KRF(s)
2.*)
N
• Kφ • GPD KT
s
2
• J
3.) Combined Overall Open Loop Response
Where:
KLF(s) = Loop Filter Response
KRF(s) = Reference Filter Response
N = 4 (Using Double Edge Sensing With 4 Pole
Motor)
K
φ = Phase Detector Gain (.4V/RAD)
GPD = Power Stage Transductance (1A/V)
KT = Motor Torque Constant (.022NM/A)
J = Motor Moment of Inertia (.0015NM/A - SEC
2)
s = 2
πjf
*Note: For a current mode driver the electrical time constant, LM / RM, of the motor does not enter into the small signal response.
If a voltage mode drive scheme is used, then the asymptote, plotted as 2 above, can be approximated by:
N
• K φ
• KPD • KT
s
2 • J • RM
if: RM > KT
√LM
J
and,
KT
2
2
π
• J • RM
<
f <
RM
2
π LM
Here: KPD = Voltage gain of Driver Stage
RM = Motor Winding Resistance
LM = Motor Winding Inductance
APPLICATION AND OPERATION INFORMATION
UNITRODE CORPORATION
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
7


Similar Part No. - UC3633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3633Q TI-UC3633Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
More results

Similar Description - UC3633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC3633Q TI-UC3633Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com