Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-31001000FLFSLT Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # GS-31001000FLFSLT
Description  Thick Film Semi-Precision Metal Glaze Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GS-31001000FLFSLT Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  GS-31001000FLFSLT Datasheet HTML 1Page - IRC - a TT electronics Company. GS-31001000FLFSLT Datasheet HTML 2Page - IRC - a TT electronics Company. GS-31001000FLFSLT Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
GS-3 Series Issue October 2008 Sheet 3 of 3
Thick Film Semi-Precision
Metal Glaze™
Power Resistors
Sample Part No.
IRC Type
GS = (Fixed Film Resistor High Stability)
Power Rating
3 = 3W @ 25°C / 2W @ 70°C
TCR Characteristics
50 = ±50 pmm/°C
100 = ±100 pmm/°C
200 = ±200 pmm/°C
(available on values greater than 10 ohms)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
F = ±1%, G = ±2%, J = ±5%
RoHS Compliance
LF = RoHS-compliant product
Packaging
SLT = Standard Lead Tape
T24
T25
Ordering Data
GS - 3
100
1000
J
LF
SLT


Similar Part No. - GS-31001000FLFSLT

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GS-31001000FLF IRCTT-GS-31001000FLF Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
More results

Similar Description - GS-31001000FLFSLT

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
   Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
logo
Vishay Siliconix
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
   Semi-Precision Thick Film Chip Resistors
01-Jan-2022
logo
IRC - a TT electronics ...
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
   Thick Film Metal Glaze Resistor
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
CMH IRCTT-CMH Datasheet
238Kb / 3P
   Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
logo
Vishay Siliconix
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 21-Jan-14
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
   Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 07-Apr-14
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com