Selected language     English  ▼


CX-1S-03 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part No. CX-1S-03
Description  530 kHz to 2.1 MHz Miniature Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RSG [RSG Electronic Components GmbH]
Homepage  http://www.rsg-electronic.de
Logo 

   
 1 page
background image
DESCRIPTION
The CX-1 quartz crystal is a high quality extensional mode
quartz resonator. The CX-1 is hermetically sealed in a
rugged, miniature ceramic package, one-fourth the size of
an eight-pin mini-DIP. The CX-1 crystal is manufactured
using the STATEK-developed photolithographic process,
and was designed utilizing the experience acquired by
producing millions of crystals for industrial, commercial,
military and medical applications.
FEATURES
Extensional mode
Ideal for use with microprocessors
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
PACKAGE HANDLING
The CX crystal is hermetically sealed in a ceramic package.
Normal handling and soldering precautions for small, low
thermal mass parts are adequate when installing or testing CX
crystals. CX crystals may be wave soldered, with proper
precaution taken to avoid desoldering the leads. A slow
machine rate or too high a pre-heat temperature or solder bath
temperature can damage the crystals. Lead to package
solder interface temperature should not exceed 175
oC,
glass lid to package seal rim temperature should not
exceed 210
oC. If the seal rim reaches temperatures above the
maximum specified, the package may lose its hermeticity. Loss
of hermeticity results in a frequency decrease and motional
resistance increase.
CX-1-03 CRYSTAL
530 kHz to 2.1 MHz
Miniature Quartz Crystal
TYP.
MAX.
DIM
INCHES
mm
INCHES
mm
A
.315
8.00
.330
8.38
B
.140
3.56
.155
3.94
C
.070
1.78
.080
2.03
D
.300
7.62
.310
7.87
E
.020
0.51
.040
1.02
F
.150
3.81
.160
4.06
Leads 0.013” x 0.018” (0.33 x 0.46 mm) typical.
10130 - Rev B
C
0
C
1
R
1
2
1
L
1
A
B
E
C
D
F
actual size
side view
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
PACKAGE DIMENSIONS
RSG Electronic Components GmbH, Sprendlinger Landstr. 115, 63069 Offenbach, Germany, Tel. +49 69 - 984047-0, Fax: +49 69 - 9840-77, www.rsg-electronic.de




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl