Selected language     English  ▼


CX-1V-03 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part No. CX-1V-03
Description  10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RSG [RSG Electronic Components GmbH]
Homepage  http://www.rsg-electronic.de
Logo 

   
 2 page
background image
HOW TO ORDER CX-1V-03 LEADED CRYSTALS
SPECIFICATIONS
Specifications are typical at 25
oC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
10 kHz to 600 kHz
Calibration Tolerance*
A,B, or C
(see below)
Motional Resistance (R1)
Figure 1
MAX.: 2x Typ.@10-169.9 kHz
2.5x Typ.@170-600 kHz
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
Min. is 0.25x Typ.
Shunt Capacitance (C0)
2.0 pF MAX.
Drive Level
0.5
W MAX.@10-24.9 kHz
1.0
W MAX.@ 25-600 kHz
Turning Point (TO)**
Figure 4
Temperature Coefficient (k) -0.035 ppm/
0C2
Aging, first year
5ppm MAX.
Shock, survival***
1,000g 1msec., 1/2 sine
Vibration, survival***
20g rms 10-2,000 Hz
Operating Temperature
-10
oC to +70oC Commercial
-40
oC to +85oC Industrial
-55
oC to +125oC Military
Storage Temperature
-55
oC to +125oC
Max Process Temperature
See package handling
* Tighter frequency calibration available.
** Other turning point available.
*** Higher shock and vibration available.
CX-1V Crystal Calibration Tolerance at 25oC
Frequency Range (kHz)
Calibration 10-74.9
75-169.9
170-249.9
250-600
A
0.003%
0.005%
0.01%
0.02%
B
0.01%
0.01%
0.02%
0.05%
C
0.1%
0.1%
0.2%
0.5%
Load Capacitance (C
L), Used to Calibrate CX-1V
(other C
L available)
Frequency
Load
Frequency
Load
Range
Capacitance
Range
Capacitance
(kHz)
(pF)
(kHz)
(pF)
10-15.9
11
55-99.9
8
16-24.9
10
100-179.9
5
25-54.9
9
180-600
4
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
300
200
100
50
20
10
5
2
10
20
50
100
200
600
Frequency (kHz)
300
200
100
50
20
10
20
50
100
200
600
Frequency (kHz)
10
20
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
FIGURE 1
CX-1V TYPICAL MOTIONAL RESISTANCE (R
1)
FIGURE 2
CX-1V TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX-1V TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX-1V TYPICAL TURNING POINT TEMP. (T
0)
PACKAGING
CX-1V-03
-Tray Pack (Standard)
10101 - Rev B
10
20
50
100 200
600
Frequency (kHz)
5
2
1.0
0.5
Note: Frequency (f) deviation from frequency (fo) @ turning point
= k(T-T )
O
2
f-f
f
O
O
*Other calibration fill in ppm.
CX-1V
-03
32.768 kHz
( A
/ I )
“S” if special
Side Leads
Frequency Calibration
Temp. Range:
or custom
Tolerance*
C = Commercial
design. Blank
@ 25
0C
I = Industrial
if Std.
(A)
M = Military
(B)
S = Specify
(C)
+
_
RSG Electronic Components GmbH, Sprendlinger Landstr. 115, 63069 Offenbach, Germany, Tel. +49 69 - 984047-0, Fax: +49 69 - 9840-77, www.rsg-electronic.de




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl