Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX-1V-03 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX-1V-03
Description  10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX-1V-03 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX-1V-03 Datasheet HTML 1Page - RSG Electronic Components GmbH CX-1V-03 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
E
C
D
F
PACKAGE DIMENSIONS
DESCRIPTION
The CX-1V quartz crystal is a high quality tuning fork
resonator for use in Pierce (single inverter) oscillators. The
CX-1V is hermetically sealed in a rugged, miniature ceramic
package, one-fourth the size of an eight-pin mini-DIP. The
CX-1V crystal is manufactured using the STATEK-developed
photolithographic process, and was designed utilizing the
experience acquired by producing millions of crystals for
industrial, commercial, military and medical applications.
FEATURES
Miniature tuning fork design
High shock resistance
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
PACKAGE HANDLING
The CX crystal is hermetically sealed in a ceramic package.
Normal handling and soldering precautions for small, low
thermal mass parts are adequate when installing or testing CX
crystals. CX crystals may be wave soldered, with proper
precaution taken to avoid desoldering the leads. A slow
machine rate or too high a pre-heat temperature or solder bath
temperature can damage the crystals. Lead to package
solder interface temperature should not exceed 175
oC,
glass lid to package seal rim temperature should not
exceed 210
oC. If the seal rim reaches temperatures above the
maximum specified, the package may lose its hermeticity. Loss
of hermeticity results in a frequency decrease and motional
resistance increase.
C
0
C
1
R
1
2
1
L
1
actual size
side view
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
CX-1V-03 CRYSTAL
10 kHz to 600 kHz
Miniature Quartz Crystal for Pierce Oscillators
TYP.
MAX.
DIM
INCHES
mm
INCHES
mm
A
.315
8.00
.330
8.38
B
.140
3.56
.155
3.94
C
.070
1.78
.080
2.03
D
.300
7.62
.310
7.87
E
.020
0.51
.040
1.02
F
.150
3.81
.160
4.06
Leads 0.013” x 0.018” (0.33 x 0.46 mm) typical.
10101 - Rev B
AMPLIFIER
BUFFER
C
G
C
D
R
A
CX-1
Contact factory for
design guidelines
OSC
Freq (f )
O
R
f
C
S
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
RSG Electronic Components GmbH, Sprendlinger Landstr. 115, 63069 Offenbach, Germany, Tel. +49 69 - 984047-0, Fax: +49 69 - 9840-77, www.rsg-electronic.de


Similar Part No. - CX-1V-03

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
logo
EUROQUARTZ limited
CX-1V-03 EUROQUARTZ-CX-1V-03 Datasheet
116Kb / 2P
   CX MINIATURE CRYSTALS
CX-1V-0332.768A EUROQUARTZ-CX-1V-0332.768A Datasheet
116Kb / 2P
   CX MINIATURE CRYSTALS
CX-1V-0332.768B EUROQUARTZ-CX-1V-0332.768B Datasheet
116Kb / 2P
   CX MINIATURE CRYSTALS
CX-1V-0332.768C EUROQUARTZ-CX-1V-0332.768C Datasheet
116Kb / 2P
   CX MINIATURE CRYSTALS
More results

Similar Description - CX-1V-03

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
   order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
CX1V STATEK-CX1V_08 Datasheet
153Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX3HSM RSG-CX3HSM Datasheet
473Kb / 2P
   18 kHz to 600 kHz Low Profile Surface Mount Quartz Crystal for Series Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com