Selected language     English  ▼


CX-1C-03 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part No. CX-1C-03
Description  8 MHz to 160 MHz Miniature AT-Cut Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RSG [RSG Electronic Components GmbH]
Homepage  http://www.rsg-electronic.de
Logo 

   
 1 page
background image
A
B
E
C
D
F
PACKAGE DIMENSIONS
DESCRIPTION
The CX-1 quartz crystal is a high quality miniature AT cut
quality resonator. The CX-1 is hermetically sealed in a
rugged, miniature ceramic package, one-fourth the size of an
eight-pin mini-DIP. The CX-1 crystal is manufactured using
the STATEK-developed photolithographic process, and was
designed utilizing the experience acquired by producing
millions of crystals for industrial, commercial, military and
medical applications.
FEATURES
Low-profile hermetically-sealed package
Excellent aging characteristics
Fundamental or 3rd overtone mode
High shock resistance
Full military testing available
Designed and manufactured in the USA
PACKAGE HANDLING
The CX crystal is hermetically sealed in a ceramic package.
Normal handling and soldering precautions for small, low
thermal mass parts are adequate when installing or testing
CX crystals. CX crystals may be wave soldered, with proper
precaution taken to avoid desoldering the leads. A slow
machine rate or too high a pre-heat temperature or solder
bath temperature can damage the crystals. Lead to
package solder interface temperature should not
exceed 175
oC, glass lid to package seal rim
temperature should not exceed 210
oC. If the seal rim
reaches temperatures above the maximum specified, the
package may lose its hermeticity resulting in degradation of
crystal performance. Mishandling of CX crystals can cause
cracking of the glass lid and loss of hermeticity.
C
0
C
1
R
1
2
1
L
1
actual size
side view
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
CX-1-03 CRYSTAL
8 MHz to 160 MHz
Miniature AT-Cut Quartz Crystal
Fundamental Mode: 8 MHz - 70 MHz
Third Overtone Mode: 48 MHz - 160 MHz
TYP.
MAX.
DIM
INCHES
mm
INCHES
mm
A
.315
8.00
.330
8.38
B
.140
3.56
.155
3.94
C
.070
1.78
.080
2.03
D
.300
7.62
.310
7.87
E
.020
0.51
.040
1.02
F
.150
3.81
.160
4.06
Leads 0.013” x 0.018” (0.33 x 0.46 mm) typical.
10127 - Rev D
RSG Electronic Components GmbH, Sprendlinger Landstr. 115, 63069 Offenbach, Germany, Tel. +49 69 - 984047-0, Fax: +49 69 - 9840-77, www.rsg-electronic.de




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl