Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD680 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BD680
Description  Plastic Medium-Power Silicon PNP Darlingtons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD680 Datasheet(HTML) 1 Page - Motorola, Inc

  BD680 Datasheet HTML 1Page - Motorola, Inc BD680 Datasheet HTML 2Page - Motorola, Inc BD680 Datasheet HTML 3Page - Motorola, Inc BD680 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Medium-Power
Silicon PNP Darlingtons
. . . for use as output devices in complementary general–purpose amplifier applica-
tions.
• High DC Current Gain —
hFE = 750 (Min) @ IC = 1.5 and 2.0 Adc
• Monolithic Construction
• BD676, 676A, 678, 678A, 680, 680A, 682 are complementary with BD675, 675A,
677, 677A, 679, 679A, 681
• BD 678, 678A, 680, 680A are equivalent to MJE 700, 701, 702, 703
MAXIMUM RATING
Rating
Symbol
BD676
BD676A
BD678
BD678A
BD680
BD680A
BD682
Unit
Collector–Emitter Voltage
VCEO
45
60
80
100
Vdc
Collector–Base Voltage
VCB
45
60
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
0.1
Adc
Total Device Dissipation
@ TC = 25 _C
Derate above 25
_C
PD
40
0.32
Watts
W/
_C
Operating and Storage Junction
Temperating Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
3.13
_C/W
50
40
10
5.0
0
15
30
45
60
75
105
135
150
165
Figure 1. Power Temperature Derating
TC, CASE TEMPERATURE (°C)
120
90
45
20
15
30
25
35
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BD676/D
© Motorola, Inc. 1995
BD676
BD676A
BD678
BD678A
BD680
BD680A
BD682
4.0 AMPERE
DARLINGTON
POWER TRANSISTORS
PNP SILICON
45, 60, 80, 100 VOLTS
40 WATTS
CASE 77–08
TO–225AA TYPE
REV 7


Similar Part No. - BD680

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD680 SIEMENS-BD680 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
STMicroelectronics
BD680 STMICROELECTRONICS-BD680 Datasheet
382Kb / 12P
   Complementary power Darlington transistors
logo
Siemens Semiconductor G...
BD680 SIEMENS-BD680 Datasheet
135Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Continental Device Indi...
BD680 CDIL-BD680 Datasheet
123Kb / 4P
   PNP DARLIGNTON POWER SILICON TRANSISTORS
logo
STMicroelectronics
BD680 STMICROELECTRONICS-BD680 Datasheet
252Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - BD680

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD676G ONSEMI-BD676G_13 Datasheet
87Kb / 4P
   Plastic Medium-Power Silicon PNP Darlingtons
December, 2013 ??Rev. 14
BD676 ONSEMI-BD676 Datasheet
59Kb / 4P
   Plastic Medium?뭁ower Silicon PNP Darlingtons
October, 2005 ??Rev. 12
logo
New Jersey Semi-Conduct...
BD675 NJSEMI-BD675 Datasheet
99Kb / 2P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
Motorola, Inc
BD675 MOTOROLA-BD675 Datasheet
112Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
ON Semiconductor
BD675G ONSEMI-BD675G_13 Datasheet
87Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
December, 2013 ??Rev. 15
BD675 ONSEMI-BD675_08 Datasheet
109Kb / 4P
   Plastic Medium?좵ower Silicon NPN Darlingtons
September, 2008 ??Rev. 13
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com