Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUB-GM8BLF-03-2001-G Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # GUB-GM8BLF-03-2001-G
Description  TaNFilm Small Outline Surface Mount Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUB-GM8BLF-03-2001-G Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  GUB-GM8BLF-03-2001-G Datasheet HTML 1Page - IRC - a TT electronics Company. GUB-GM8BLF-03-2001-G Datasheet HTML 2Page - IRC - a TT electronics Company. GUB-GM8BLF-03-2001-G Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC Advanced Film Division
Schematic A
Schematic B
Per Resistor
Per Package
Per Resistor
Per Package
GM Series 14-pin
0.16W
1.0W
0.08W
1.0W
GM Series 16-pin
0.16W
1.2W
0.08W
1.2W
GL Series 16-pin
0.16W
1.2W
0.10W
1.2W
Gl Series 20-pin
0.16W
1.5W
0.10W
1.5W
Power Dissipation Data (watts @ 70°C)
Prefix
GUB
- GM8A - 03
- 2001 - B
- A
Model
GM7A
- 14-pin 0.220” wide body, schematic A, 60/40 Sn/Pb leads
GM7ALF
- 14-pin, 0.220” wide body, schematic A, RoHS compliant leads
GM7B
- 14-pin 0.220” wide body, schematic B, 60/40 Sn/Pb leads
GM7BLF
- 14-pin, 0.220” wide body, schematic B, RoHS compliant leads
GM8A
- 16-pin 0.220” wide body, schematic A, 60/40 Sn/Pb leads
GM8ALF
- 16-pin, 0.220” wide body, schematic A, RoHS compliant leads
GM8B
- 16-pin 0.220” wide body, schematic B, 60/40 Sn/Pb leads
GM8BLF
- 16-pin, 0.220” wide body, schematic B, RoHS compliant leads
GL8A
- 16-pin 0.300” wide body, schematic A, 60/40 Sn/Pb leads
GL8ALF
- 16-pin, 0.300” wide body, schematic A, RoHS compliant leads
GL8B
- 16-pin 300” wide body, schematic B, 60/40 Sn/Pb leads
GL8BLF
- 16-pin, 0.300” wide body, schematic B, RoHS compliant leads
GL0A
- 20-pin 0.300” wide body, schematic A, 60/40 Sn/Pb leads
GL0ALF
- 20-pin, 0.300” wide body, schematic A, RoHS compliant leads
GL0B
- 20-pin 0.300” wide body, schematic B, 60/40 Sn/Pb leads
GL0BLF
- 20-pin, 0.300” wide body, schematic B, RoHS compliant leads
TCR Code (ppm/°C)
01 = ±100; 02 = ±50; 03 = ±25
Resistance code
Standard MIL resistance code (e.g. 1002 = 10K
Ω; 50R1=50.1Ω)
Absolute tolerance
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ± 0.10%
Ratio tolerance to R1 (if specified)
F = ±1%; D = ±0.5%; C = ±0.25%; B = ± 0.1%; A = ±0.05%
Ordering Data
TaNFilm® Small Outline Surface
Mount Resistor Network
25
70
125
100
60
0
Ambient Temperature (°C)
Power Derating Curve
GUB Series Issue November 2008 Sheet 3 of 3


Similar Part No. - GUB-GM8BLF-03-2001-G

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUB211W6 IOGEAR-GUB211W6 Datasheet
141Kb / 2P
   2-Port USB 2.0 Printer Auto Sharing Switch
GUB231 IOGEAR-GUB231 Datasheet
139Kb / 2P
   2-Port USB 2.0 Automatic Printer Switch
logo
PANDUIT CORP.
GUBC500-6 PANDUIT-GUBC500-6 Datasheet
950Kb / 8P
   StructuredGround ??Direct Burial Compression Grounding System
9/2015
logo
Belden Inc.
GUBT202 BELDEN-GUBT202 Datasheet
142Kb / 2P
   Universal tight buffered breakout cable LSZH jacket 2f MM OM2. CPR B2ca.
2023 Belden, Inc
GUBT202.002100 BELDEN-GUBT202.002100 Datasheet
142Kb / 2P
   Universal tight buffered breakout cable LSZH jacket 2f MM OM2. CPR B2ca.
2023 Belden, Inc
More results

Similar Description - GUB-GM8BLF-03-2001-G

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766145191A CTS-766145191A Datasheet
99Kb / 4P
   Surface Mount Resistor Network
767163203GP CTS-767163203GP Datasheet
93Kb / 4P
   Surface Mount Resistor Network
766161103G CTS-766161103G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766163271G CTS-766163271G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
768163103GPTR13 CTS-768163103GPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
766161332GPTR7 CTS-766161332GPTR7 Datasheet
99Kb / 4P
   Surface Mount Resistor Network
logo
IRC - a TT electronics ...
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
CTS Corporation
767161103G CTS-767161103G Datasheet
93Kb / 4P
   Series 767 Surface Mount Resistor Network
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com