Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRC-LRZ1206LF-R000 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # LRC-LRZ1206LF-R000
Description  Zerohm Thick Film Jumper Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LRC-LRZ1206LF-R000 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  LRC-LRZ1206LF-R000 Datasheet HTML 1Page - IRC - a TT electronics Company. LRC-LRZ1206LF-R000 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
LRZ Series Issue July 2008
Zerohm Thick Film
Jumper Chip
LRZ Series
Current rating to 35 amps
0.002 ohm maximum resistance
Copper on Alumina construction
Very low inductance
Available in 1206, 2010 and 2512 chip sizes
Electrical Data
Physical Data
Size 1206
Size 2010
Size 2512
Resistance
ohms
0.002 max.
0.002 max.
0.002 max.
Power Rating @ ≤70° C
watts
.5
1
2
Continuous Current
amps
16
22
32
Maximum Surge Current
amps
20
30
35
Dielectric Withstanding Voltage
volts
200
200
200
Insulation Resistance
ohms
greater than 10G
Leach Resistance
molten solder 250°C - 90 seconds
Operating Temperature Range
-55°C to +150°C
1206
2010
2512
in.
mm
in.
mm
in.
mm.
L
0.126 ± 0.012
3.20 ± 0.30
0.206 ± 0.015
5.23 ± 0.38
0.256 ± 0.015
6.50 ± 0.38
W
0.064 ± 0.008
1.63 ± 0.20
0.104 ± 0.010
2.64 ± 0.25
0.128 ± 0.010
3.25 ± 0.25
H
0.024 ± 0.004
0.61 ± 0.10
0.029 ± 0.004
0.74 ± 0.10
0.029 ± 0.004
0.74 ± 0.10
D
0.019 ± 0.010
0.48 ± 0.25
0.019 ± 0.010
0.48 ± 0.25
0.019 ± 0.010
0.48 ± 0.25
E
0.019 ± 0.010
0.48 ± 0.25
0.019 ± 0.010
0.48 ± 0.25
0.019 ± 0.010
0.48 ± 0.25
Nickel Barrier Layer
Finish: Matte Tin or Sn/Pb
H
D
L
Protective Overcoat
Copper Conduc tor
Copper Wrap-around
Termination
Alumina Substrate
W
E


Similar Part No. - LRC-LRZ1206LF-R000

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
LRC-LR1206-01-R020-F IRCTT-LRC-LR1206-01-R020-F Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
LRC-LR1206-01-R020-G IRCTT-LRC-LR1206-01-R020-G Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
LRC-LR1206-01-R020-J IRCTT-LRC-LR1206-01-R020-J Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
   Low Value Flat Chip Resistor
logo
IRC - a TT electronics ...
LRC-LR1206LF-01-R020-F IRCTT-LRC-LR1206LF-01-R020-F Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
More results

Similar Description - LRC-LRZ1206LF-R000

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
MR-12 UNIOHM-MR-12 Datasheet
1,014Kb / 1P
   Jumper Wire & Zerohm Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com