Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKC-HVC2512100K-F Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # TKC-HVC2512100K-F
Description  High Voltage Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TKC-HVC2512100K-F Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  TKC-HVC2512100K-F Datasheet HTML 1Page - IRC - a TT electronics Company. TKC-HVC2512100K-F Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PWC Series Issue July 2008
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
High Voltage
Chip Resistors
L
(mm)
W
(mm)
T max
(mm)
A
(mm)
C
(mm)
Weight
(grams)
1206
3.2±0.2
1.6±0.2
0.6
0.5±0.2
0.5±0.2
0.010
2010
5.3±0.2
2.5±0.2
0.7
0.5±0.2
0.5±0.2
0.035
2512
6.6±0.2
3.2±0.2
0.7
0.5±0.2
0.5±0.2
0.055
A
T
W
C
L
Prefix
TKC - HVC 2512LF - 3M30 - F
Chip Type
HVC
Size and Termination
1206 = Sn/Pb solder termination
1206LF = 100% Tin (pb-free) termination
2010 = Sn/Pb solder termination
2010LF = 100% Tin (pb-free) termination
2512 = Sn/Pb solder termination
2512LF = 100% Tin (pb-free) termination
Resistance Value
4 digit code: 100K=100,000 ohms, 1M20=1,200,000 ohms
Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%; D = ±0.5%
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Ordering Data
25°
70°
155°
100
50
10
Temperature in °C
Power Derating Data
Construction: Thick film resistor material, overglaze and
organic protection are screen printed on a 96% alumina
substrate. Wrap-around terminations have an electroplated
nickel barrier and tin-lead solder or matte-tin finish, ensur-
ing excellent `leach´ resistance properties and solderability.
Wrap around terminations ensure reliable contact. This ro-
bust construction enables the resistor to be mounted on one
side of a printed circuit board and a wire-leaded component
applied on the opposite side.
Marking: Components are not marked. Reels are marked
with type, value, tolerance, date code and quantity.
Solvent resistance: The body protection is resistance to
all normal industrial cleaning solvents suitable for printed
circuits.
PCB Layout Recommendation: Avoid running conduct-
ing traces between the HVC mounting pads, as this would
compromise the rated voltage.
100
1000
10000
0
0
1
0
1
1
1
.
0
2512
2010
1206
Resistance (Megohms)
Maximum Continuous Voltage


Similar Part No. - TKC-HVC2512100K-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TKC-HTC-1206LF-100R-D IRCTT-TKC-HTC-1206LF-100R-D Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
TKC-HTC-1206LF-100R-F IRCTT-TKC-HTC-1206LF-100R-F Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
TKC-HTC-1206LF-100R-J IRCTT-TKC-HTC-1206LF-100R-J Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
TKC-HTC-1206LF-1M50-D IRCTT-TKC-HTC-1206LF-1M50-D Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
TKC-HTC-1206LF-1M50-F IRCTT-TKC-HTC-1206LF-1M50-F Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
More results

Similar Description - TKC-HVC2512100K-F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com