Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUB-GM7B-02-2001-D Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # GUB-GM7B-02-2001-D
Description  TaNFilm Small Outline Surface Mount Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUB-GM7B-02-2001-D Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  GUB-GM7B-02-2001-D Datasheet HTML 1Page - IRC - a TT electronics Company. GUB-GM7B-02-2001-D Datasheet HTML 2Page - IRC - a TT electronics Company. GUB-GM7B-02-2001-D Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Ultra precision tantalum
nitride resistance element
on high purity alumina.
Rugged, molded
construction.
Compliant leads to
compensate for
thermal expansion
and contractions.
TaNFilm® Small Outline Surface
Mount Resistor Network
Thin film on ceramic technology
0.220” and 0.300” sizes available
RoHS compliant version available
DESC 87012 and 87013 available
Standard JEDEC packages for automatic placement equipment
GUB Series
IRC’s TaNFilm®, Small Outline Integrated Circuit resistor networks are ideally suited for surface mounting.
The 0.05 inch lead spacing provides higher lead density, increased component count, lower installed resistor
cost, and better reliability. They are ideally suited for the latest surface mount assembly techniques, and each
lead can be 100% visually inspected. The compliant leads relieve thermal expansion and contraction stressed
created by soldering and temperature excursions.
The tantalum nitride film system provides precision tolerance, exceptional TCR tracking, and low noise.
TaNFilm® provides stability, high reliability, and long life characteristics. Testing has demonstrated performance
exceeding MIL-PRF-83401 characteristics H.
Custom circuits and special testing available.
Resistance Range (
Ω)
GM Type
Schem A: 10 to 150K
Schem B: 10 to 75K
GL Type
Schem A: 10 to 200K
Schem B: 10 to 1000K
Absolute Tolerance
Available to ±0.1%
Ratio Tolerance To R1
Available to ±0.05%
TCR (ppm/°C)
±25, ±50, ±100
TCR Tracking To R1 (ppm°C)
±5
Operating Temperature Range
-55°C to +125°C
Noise
Less than -25 dB
Substrate
High purity alumina substrate
IRC Advanced Film Division
Electrical Data
GUB Series Issue November 2008 Sheet 1 of 3


Similar Part No. - GUB-GM7B-02-2001-D

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUB211W6 IOGEAR-GUB211W6 Datasheet
141Kb / 2P
   2-Port USB 2.0 Printer Auto Sharing Switch
GUB231 IOGEAR-GUB231 Datasheet
139Kb / 2P
   2-Port USB 2.0 Automatic Printer Switch
logo
PANDUIT CORP.
GUBC500-6 PANDUIT-GUBC500-6 Datasheet
950Kb / 8P
   StructuredGround ??Direct Burial Compression Grounding System
9/2015
logo
Belden Inc.
GUBT202 BELDEN-GUBT202 Datasheet
142Kb / 2P
   Universal tight buffered breakout cable LSZH jacket 2f MM OM2. CPR B2ca.
2023 Belden, Inc
GUBT202.002100 BELDEN-GUBT202.002100 Datasheet
142Kb / 2P
   Universal tight buffered breakout cable LSZH jacket 2f MM OM2. CPR B2ca.
2023 Belden, Inc
More results

Similar Description - GUB-GM7B-02-2001-D

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766145191A CTS-766145191A Datasheet
99Kb / 4P
   Surface Mount Resistor Network
767163203GP CTS-767163203GP Datasheet
93Kb / 4P
   Surface Mount Resistor Network
766161103G CTS-766161103G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766163271G CTS-766163271G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
768163103GPTR13 CTS-768163103GPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
766161332GPTR7 CTS-766161332GPTR7 Datasheet
99Kb / 4P
   Surface Mount Resistor Network
logo
IRC - a TT electronics ...
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
CTS Corporation
767161103G CTS-767161103G Datasheet
93Kb / 4P
   Series 767 Surface Mount Resistor Network
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com