Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1637Q Datasheet(PDF) 5 Page - Texas Instruments

Part # UC1637Q
Description  Switched Mode Controller for DC Motor Drive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1637Q Datasheet(HTML) 5 Page - Texas Instruments

  UC1637Q Datasheet HTML 1Page - Texas Instruments UC1637Q Datasheet HTML 2Page - Texas Instruments UC1637Q Datasheet HTML 3Page - Texas Instruments UC1637Q Datasheet HTML 4Page - Texas Instruments UC1637Q Datasheet HTML 5Page - Texas Instruments UC1637Q Datasheet HTML 6Page - Texas Instruments UC1637Q Datasheet HTML 7Page - Texas Instruments UC1637Q Datasheet HTML 8Page - Texas Instruments UC1637Q Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UC1637
UC2637
UC3637
Figure 3. Modulation Schemes Showing (A) Zero Deadtime (B) Deadtime and (C) Deadband Configurations
Shutdown Comparator
The shutdown terminal may be used for implementing
various shutdown and protection schemes. By pulling the
terminal more than 2.5V below VIN, the output drivers will
be enabled. This can be realized using an open collector
gate or NPN transistor biased to either ground or the
negative supply. Since the threshold is temperature stabi-
lized, the comparator can be used as an accurate low
voltage lockout (Figure 4) and/or delayed start as in Fig-
ure 5. In the shutdown mode the outputs are held in the
low state.
Current Limit
A latched current limit amplifier with an internal 200mV
offset is provided to allow pulse-by-pulse current limiting.
Differential inputs will accept common mode signals from
-VS to within 3V of the +VS supply while providing excel-
lent noise rejection. Figure 6 shows a typical current
sense circuit.
Figure 4. External Under-Voltage Lockout
Figure 5. Delayed Start-Up
Figure 6. Current Limit Sensing
5


Similar Part No. - UC1637Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637 TI-UC1637 Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637 Datasheet
913Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637 Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
[Old version datasheet]   RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
UC1637-SP TI1-UC1637-SP Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
More results

Similar Description - UC1637Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_15 Datasheet
913Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_17 Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
[Old version datasheet]   RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
   DC Motor Drive
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
List of Unclassifed Man...
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 60W motor
BD5-G1-AH ETC2-BD5-G1-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 30W 42mm motor
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
   CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
logo
List of Unclassifed Man...
BD5-G3-AH ETC2-BD5-G3-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 90W motor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com