Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR1206F1000YW Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # HR1206F1000YW
Description  High Value Surface Mount Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HR1206F1000YW Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  HR1206F1000YW Datasheet HTML 1Page - IRC - a TT electronics Company. HR1206F1000YW Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Organic Protection
Nickel
Thick Film Conductor
Wrap-around
terminations for
soldering
Tin/lead Solder
High Value
Surface Mount Resistor
Electrical Data
HR Series
100M ohms to 50G ohms
Low voltage coefficient of resistance
IRC Type
Resistance Range
(ohms)
(measured at 10 volts)
Limiting
Element
Voltage
(volts)
Operating
Temp.
Range (°C)
TCR (ppm/°C)
(measured at 10 volts)
Resistance Tolerance
(%)
0805
100M to 50G
100
-55 to +125
0 to -2000
100M to 1G: 5, 10
>1G to 50G: 25, 50
1005
100M to 50G
150
-55 to +125
0 to -1500
1206
100M to 50G
200
-55 to +125
0 to -1000
Environmental Data
Contruction:
The resistor material is screen printed onto a 96% alumina substrate and
covered with a protection comprising of a glaze followed by an organic
coating. This construction gives an insulated device.
Terminations:
Wrap-around terminations on HR resistors have good ‘leach’ resistance
properties. They will withstand immersion in solder at 260°C for 30
seconds.
Marking:
All relevant information is recorded on the primary package or reel.
Thickness:
The thickness of these devices depend on the size of the chip.
The table below shows the standard substrate thickness used
(mm).
STYLE
0805
1005
1206
Planar
0.4
0.63
0.5
Wrap-around
0.4
N/A
0.5
F = Wrap-around; G = Planar Gold.
Power Rating:
The high resistance value of these devices is such that power dissipation is always small. The rating is therefore determined by voltage considerations
only, as shown in the table above.
Actual
Maximum
Typical
Load at rated power: 1000 hours at 70°C
2
1
Shelf life: 12 months at room temperature
2
1
Dry heat: 1000 hrs at 125°C
2
0.5
Temperature rapid change
1
0.3
Change on Wave Soldering
1
0.5
Voltage proof
volts
100
200
Voltage coefficient of resistance
%volts
(10V - 25V)
1.0
0.8
0.2
0.4
0.5
0.05
∆R%
∆R%
∆R%
∆R%
∆R%
0805
1005
1206
HR Series Issue October 2008 Sheet 1 of 2


Similar Part No. - HR1206F1000YW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HR1206F-10GJI ETC1-HR1206F-10GJI Datasheet
280Kb / 2P
   HIGH VALUE SURFACE MOUNTED RESISTORS
HR1206F-10GKI ETC1-HR1206F-10GKI Datasheet
280Kb / 2P
   HIGH VALUE SURFACE MOUNTED RESISTORS
HR1206F-10GYI ETC1-HR1206F-10GYI Datasheet
280Kb / 2P
   HIGH VALUE SURFACE MOUNTED RESISTORS
More results

Similar Description - HR1206F1000YW

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HPC SEI-HPC Datasheet
106Kb / 4P
   High Power Surface Mount Resistor
05/12/2016
logo
IRC - a TT electronics ...
95011-2213-F-BLK IRCTT-95011-2213-F-BLK Datasheet
145Kb / 2P
   High Reliability Surface Mount Resistor
GC652M5FA IRCTT-GC652M5FA Datasheet
194Kb / 2P
   High Value Thick Film Resistor
3810 IRCTT-3810 Datasheet
129Kb / 2P
   Ultra-High Value Precision Resistor
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
   Surface Mount Resistor
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
   Surface Mount Resistor
DEC-01-2023
RMV RFE-RMV Datasheet
705Kb / 4P
   SURFACE MOUNT RESISTOR
2017.12.21
RMHV RFE-RMHV Datasheet
1Mb / 5P
   SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
   SURFACE MOUNT RESISTOR
2015.04.15
logo
Stackpole Electronics, ...
HMC SEI-HMC Datasheet
274Kb / 5P
   High Value Thick Film Chip Resistor
1/11/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com