Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR0805P1000YW Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HR0805P1000YW
Description  High Value Surface Mount Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HR0805P1000YW Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HR0805P1000YW Datasheet HTML 1Page - IRC - a TT electronics Company. HR0805P1000YW Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (Inches and (mm))
Style
L
W
T
Wrap-around
Planar
Weight (g)
A
B*
C
0805
.079 ± .012
(2.0 ± 0.3)
.049 ± .008
(1.25 ± 0.2)
.027
(.07)
.012 ± .006
(0.3 ± 0.15)
.035
(0.9min)
.012 ± .004
(0.3 ± 0.1)
0.009
1005
.098 ± .012
(2.5 ± 0.3)
.049 ± .008
(1.25 ± 0.2)
.027
(.07)
not available
.016 ± .006
(0.4 ± 0.15)
0.015
1206
.126 ± .016
(3.2 ± 0.4)
.063 ± .008
(1.6 ± 0.2)
.027
(.07)
.016 ± .008
(0.4 ± 0.2)
.067
(1.7min)
.016 ± .006
(0.4 ± 0.15)
0.020
* This dimension determines the number of conductors which may pass under the surface mounted device.
APPLICATION NOTES:
Mounting
This chip resistor is ideally suited for handling by automatic methods due to its rectangular shape and the small dimensional tolerances. Electrical
connection to a ceramic substrate or to a printed circuit board can be made by reflow soldering of wrap-around terminations. The ‘F’ terminations
provide good leach properties and ensure reliable contact. Due to the robust construction, the resistor chip can be immersed completely in the solder
bath for 30 seconds at 260°C. This enables the resistor to be mounted on one side of a printed circuit board and other wire-leaded components on
the other side. The presence of moisture will not damage the resistor in any way.
Ordering Data
Sample Part No.
IRC Type
CR
Style
0805, 1005, 1206
Termination
F = Wrap Around, P = Planar Gold
Resistance Value (EIA 4-digit code)
(100
Ω and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100
Ω = 1000; 1000Ω = 1001, 150,000Ω = 1503
(Less than 100
Ω - "R" is used to designate decimal)
Example: 51
Ω = 51R0; 1Ω = 1R00; 0.25Ω = R250
Tolerance
K = 10%; S = 25%; Y = 50%
Packaging
T = Tape Pack (3K per Reel), W = Waffle Pack
HR
0805
F
100M
J
W
Specify type, reference, etc. as indicated in this example of a HR0805F 100M ohms K resistor with wrap-around
terminations and packed in a waffle pack. 1005 is available in Waffle Pack only.
C
C
T
W
L
T
W
L
B
A
A
Planar Terminations
Wrap
Around
Terminations
(3 Faces)
High Value
Surface Mount Resistor
HR Series Issue October 2008 Sheet 1 of 2


Similar Part No. - HR0805P1000YW

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
HR0805-100G-JBG RCD-HR0805-100G-JBG Datasheet
41Kb / 1P
   HIGH MEGOHM CHIP RESISTORS
HR0805-100G-JBQ RCD-HR0805-100G-JBQ Datasheet
41Kb / 1P
   HIGH MEGOHM CHIP RESISTORS
HR0805-100G-JBW RCD-HR0805-100G-JBW Datasheet
41Kb / 1P
   HIGH MEGOHM CHIP RESISTORS
HR0805-100G-JTG RCD-HR0805-100G-JTG Datasheet
41Kb / 1P
   HIGH MEGOHM CHIP RESISTORS
HR0805-100G-JTQ RCD-HR0805-100G-JTQ Datasheet
41Kb / 1P
   HIGH MEGOHM CHIP RESISTORS
More results

Similar Description - HR0805P1000YW

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HPC SEI-HPC Datasheet
106Kb / 4P
   High Power Surface Mount Resistor
05/12/2016
logo
IRC - a TT electronics ...
95011-2213-F-BLK IRCTT-95011-2213-F-BLK Datasheet
145Kb / 2P
   High Reliability Surface Mount Resistor
GC652M5FA IRCTT-GC652M5FA Datasheet
194Kb / 2P
   High Value Thick Film Resistor
3810 IRCTT-3810 Datasheet
129Kb / 2P
   Ultra-High Value Precision Resistor
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
   Surface Mount Resistor
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
   Surface Mount Resistor
DEC-01-2023
RMV RFE-RMV Datasheet
705Kb / 4P
   SURFACE MOUNT RESISTOR
2017.12.21
RMHV RFE-RMHV Datasheet
1Mb / 5P
   SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
   SURFACE MOUNT RESISTOR
2015.04.15
logo
Stackpole Electronics, ...
HMC SEI-HMC Datasheet
274Kb / 5P
   High Value Thick Film Chip Resistor
1/11/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com