Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2705D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UC2705D
Description  High Speed Power Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2705D Datasheet(HTML) 10 Page - Texas Instruments

Back Button UC2705D Datasheet HTML 3Page - Texas Instruments UC2705D Datasheet HTML 4Page - Texas Instruments UC2705D Datasheet HTML 5Page - Texas Instruments UC2705D Datasheet HTML 6Page - Texas Instruments UC2705D Datasheet HTML 7Page - Texas Instruments UC2705D Datasheet HTML 8Page - Texas Instruments UC2705D Datasheet HTML 9Page - Texas Instruments UC2705D Datasheet HTML 10Page - Texas Instruments UC2705D Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MSOT008B – JANUARY 1995 – REVISED SEPTEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
KC (R-PSFM-T5)
PLASTIC FLANGE-MOUNT
4040208/E 09/00
0.420 (10,67)
0.185 (4,70)
0.055 (1,40)
0.147 (3,73)
0.340 (8,64)
1.037 (26,34)
0.040 (1,02)
0.030 (0,76)
0.997 (25,32)
0.380 (9,65)
0.330 (8,38)
0.137 (3,48)
0.045 (1,14)
0.175 (4,46)
0.113 (2,87)
0.122 (3,10)
0.025 (0,64)
0.102 (2,59)
0.012 (0,30)
0.103 (2,62)
0.146 (3,71)
0.156 (3,96)
DIA
(see Note C)
0.125 (3,18)
0.067 (1,70)
0.268 (6,81)
5
1
M
0.010 (0,25)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Lead dimensions are not controlled within this area.
D. All lead dimensions apply before solder dip.
E. The center lead is in electrical contact with the mounting tab.


Similar Part No. - UC2705D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2705D TI1-UC2705D Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC2705DG4 TI1-UC2705DG4 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
More results

Similar Description - UC2705D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1705 TI1-UC1705_15 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com