Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE1617A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE1617A
Description  Temperature monitor for microprocessor systems
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NE1617A Datasheet(HTML) 5 Page - NXP Semiconductors

  NE1617A Datasheet HTML 1Page - NXP Semiconductors NE1617A Datasheet HTML 2Page - NXP Semiconductors NE1617A Datasheet HTML 3Page - NXP Semiconductors NE1617A Datasheet HTML 4Page - NXP Semiconductors NE1617A Datasheet HTML 5Page - NXP Semiconductors NE1617A Datasheet HTML 6Page - NXP Semiconductors NE1617A Datasheet HTML 7Page - NXP Semiconductors NE1617A Datasheet HTML 8Page - NXP Semiconductors NE1617A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NE1617A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 July 2009
5 of 27
NXP Semiconductors
NE1617A
Temperature monitor for microprocessor systems
7.
Functional description
The NE1617A contains an integrating A-to-D converter, an analog multiplexer, a status
register, digital data registers, SMBus interface, associated control logic and a local
temperature sensor or channel (refer to Figure 1 “Block diagram of NE1617A”). The
remote diode-type sensor or channel should be connected to the D+ and D
− pins properly.
Temperature measurements or conversions are either automatically and periodically
activated when the device is in free-running mode (both STBY pin = HIGH, and the
configuration register bit6=LOW)or generated by one-shot command. The free-running
period is selected by changing the programmable data of the conversion rate register, as
described in Section 8.3.4. For each conversion, the multiplexer switches current sources
through the remote and local temperature sensors over a period of time, about 60 ms, and
the voltages across the diode-type sensors are sensed and converted into the
temperature data by the A-to-D converter. The resulting temperature data is then stored in
the temperature registers, in 8-bit two's complement word format and automatically
compared with the limits which have been programmed in the temperature limit registers.
Results of the comparison are reflected accordingly by the flags stored in the status
register, an out-of-limit condition will set the ALERT output pin to its LOW state. Because
both channels are automatically measured for each conversion, the results are updated
for both channels at the end of every successful conversion.
7.1 Remote diode selection
The method of the temperature measurement is based on the change of the diode VBE at
two different operating current levels given by:
(1)
where:
∆V
BE = change in base emitter voltage drop at two current levels
K = Boltzman’s constant
T = absolute temperature in
° Kelvin
q = charge on the electron
LN = natural logarithm
N = ratio of the two currents
The NE1617A forces two well-controlled current sources of about 10
µA and 100 µA and
measures the remote diode VBE. The sensed voltage between two pins D+ and D− is
limited between 0.25 V and 0.95 V. The external diode must be selected to meet this
voltage range at these two current levels. The diode-connected PNP transistor provided
on the microprocessor is typically used, or the discrete diode-connected transistor
2N3904 or 2N3906 is recommended as an alternative.
Even though the NE1617A integrating A-to-D converter has a good noise performance,
using the average of 10 measurement cycles, high frequency noise filtering between D+
and D
− should be considered. An external capacitor of 2200 pF typical (but not higher
∆V
BE
KT
q
--------
LN N
()
×
=


Similar Part No. - NE1617A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1617A NXP-NE1617A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
More results

Similar Description - NE1617A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com