Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF3ICD81 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MF3ICD81
Description  MIFARE DESFire EV1 contactless multi-application IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3ICD81 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MF3ICD81 Datasheet HTML 7Page - NXP Semiconductors MF3ICD81 Datasheet HTML 8Page - NXP Semiconductors MF3ICD81 Datasheet HTML 9Page - NXP Semiconductors MF3ICD81 Datasheet HTML 10Page - NXP Semiconductors MF3ICD81 Datasheet HTML 11Page - NXP Semiconductors MF3ICD81 Datasheet HTML 12Page - NXP Semiconductors MF3ICD81 Datasheet HTML 13Page - NXP Semiconductors MF3ICD81 Datasheet HTML 14Page - NXP Semiconductors MF3ICD81 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MF3ICD21_41_81_SDS_2
© NXP B.V. 2009. All rights reserved.
Product short data sheet
Rev. 02 — 6 March 2009
11 of 15
NXP Semiconductors
MF3ICD21, MF3ICD41, MF3ICD81
MIFARE DESFire EV1 contactless multi-application IC
10. Abbreviations
Table 10.
Abbreviations
Acronym
Description
AES
Advanced Encryption Standard
AID
Application IDentifier
APDU
Application Protocol Data Unit
ATS
Answer to Select
CC
Common Criteria
CMAC
Cryptic Message Authentication Code
CRC
Cyclic Redundancy Check
DES
Digital Encryption Standard
DF
Dedicated File
EAL
Evaluation Assurance Level
EEPROM
Electrically Erasable Programmable Read-Only Memory
FWT
Frame Waiting Time
ID
IDentifier
INS
Instructions
LCR
inductance, Capacitance, Resistance
MAC
Message Authentication Code
MAD
MIFARE Application Directory
NV
Non-Volatile Memory
PCD
Proximity Coupling Device
PPS
Protocol Parameter Selection
RATS
Request Answer To Select
REQA
Request Answer
RF
Radio Frequency
UID
Unique Identifier
WTX
Waiting Time eXtension
WUPA
Wake Up Protocol A


Similar Part No. - MF3ICD81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD81 PHILIPS-MF3ICD81 Datasheet
74Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICD8101 PHILIPS-MF3ICD8101 Datasheet
227Kb / 49P
   FlexRay transceiver
Rev. 04-19 February 2009
MF3ICD8101DUD/05 NXP-MF3ICD8101DUD/05 Datasheet
117Kb / 18P
   MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
More results

Similar Description - MF3ICD81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
   MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
   MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3DX2 NXP-MF3DX2 Datasheet
317Kb / 27P
   MIFARE DESFire EV2 contactless multi-application IC
Rev.3.2-12 June2019
MF3DX3 NXP-MF3DX3 Datasheet
409Kb / 28P
   MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
   MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
   MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
   MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com