Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE1617ADS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE1617ADS
Description  Temperature monitor for microprocessor systems
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NE1617ADS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NE1617ADS Datasheet HTML 4Page - NXP Semiconductors NE1617ADS Datasheet HTML 5Page - NXP Semiconductors NE1617ADS Datasheet HTML 6Page - NXP Semiconductors NE1617ADS Datasheet HTML 7Page - NXP Semiconductors NE1617ADS Datasheet HTML 8Page - NXP Semiconductors NE1617ADS Datasheet HTML 9Page - NXP Semiconductors NE1617ADS Datasheet HTML 10Page - NXP Semiconductors NE1617ADS Datasheet HTML 11Page - NXP Semiconductors NE1617ADS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
NE1617A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 July 2009
8 of 27
NXP Semiconductors
NE1617A
Temperature monitor for microprocessor systems
8.3.1 Low power standby modes
Upon POR, the device is reset to its normal free-running auto-conversion operation mode.
The device can be put into standby mode by either using hardware control (connect the
STBY pin to LOW for hardware standby mode) or using software control (set bit 6 of the
configuration register to HIGH for software standby mode). When the device is put in
either one of the standby modes, the supply current is reduced to less than 10
µA if there
is no SMBus activity, all data in the device registers are retained and the SMBus interface
is still alive to bus communication. However, there is a difference in the device ADC
conversion operation between hardware standby and software standby modes. In
hardware standby mode, the device conversion is inhibited and the one-shot command
does not initiate a conversion. In software standby mode, the one-shot command will
initiate a conversion for both internal and external channels.
If a hardware standby command is received when the device is in normal mode and a
conversion is in progress, the conversion cycle will stop and data in reading temperature
registers will not be updated.
8.3.2 Configuration register
The configuration register is used to mask the Alert interrupt and/or to put the device in
software standby mode. Only two bits of this register (bit 6 and bit 7) are used as listed in
Table 5. Bit 7 is used to mask the device ALERT output from Alert interruption when this
bit is set to logic 1, and bit 6 is used to activate the standby software mode when this bit is
set to logic 1.
This register can be written or read using the commands of registers named WC and RC
accordingly. Upon Power-On Reset (POR), both bits are reset to zero.
8.3.3 External and internal temperature registers
Results of temperature measurements after every ADC conversion are stored in two
registers: Internal Temp register (RIT) for internal or local diode temperature, and External
Temp register (RET) for external or remote diode temperature. These registers can be
only read over the SMBus. The reading temperature data is in 2's complement binary form
consisting of 7-bit data and 1-bit sign (MSB), with each data count represents 1
°C, and
the MSB bit is transmitted first over the serial bus. The contents of those two registers are
updated upon completion of each ADC conversion. Table 6 shows some values of the
temperature and data.
Table 5.
Configuration register bit assignments
Bit
Symbol
POR state
Function
7 (MSB)
MASK
0
Mask ALERT interrupt. Interrupt is enabled when this bit
is LOW, and disabled when this bit is HIGH.
6
RUN/STOP
0
Standby or run mode control. When LOW, running mode
is enabled; when HIGH, standby mode is initiated.
5 to 0
-
n/a
reserved


Similar Part No. - NE1617ADS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
More results

Similar Description - NE1617ADS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com