Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD36VS2UT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESD36VS2UT
Description  Low capacitance unidirectional double ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD36VS2UT Datasheet(HTML) 3 Page - NXP Semiconductors

  PESD36VS2UT Datasheet HTML 1Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 2Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 3Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 4Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 5Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 6Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 7Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 8Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PESD36VS2UT_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 July 2009
3 of 12
NXP Semiconductors
PESD36VS2UT
Low capacitance unidirectional double ESD protection diode
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1 to pin 2.
Table 6.
ESD maximum ratings
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2] -30
kV
machine model
[2] -
400
V
MIL-STD-883 (human
body model)
-8
kV
Table 7.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Fig 1.
8/20
µs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
µs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 µs
50 % IPP; 20 µs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns


Similar Part No. - PESD36VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS2UT PHILIPS-PESD36VS2UT Datasheet
128Kb / 12P
   Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
logo
Nexperia B.V. All right...
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
   Low capacitance unidirectional double ESD protection diode
17 April 2023
logo
Guangdong Youtai Semico...
PESD36VS2UT UMW-PESD36VS2UT Datasheet
516Kb / 4P
   Unidirectional ESD protection of two lines
logo
Nexperia B.V. All right...
PESD36VS2UT-Q NEXPERIA-PESD36VS2UT-Q Datasheet
335Kb / 11P
   Low capacitance unidirectional double ESD protection diode
6 May 2022
More results

Similar Description - PESD36VS2UT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ12VAL-Q NEXPERIA-MMBZ12VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ20VAL-Q NEXPERIA-MMBZ20VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ16VAT-Q NEXPERIA-MMBZ16VAT-Q Datasheet
210Kb / 11P
   Low capacitance unidirectional double ESD protection diode
21 July 2023
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
   Low capacitance unidirectional double ESD protection diode
17 April 2023
MMBZ10VAL-Q NEXPERIA-MMBZ10VAL-Q Datasheet
215Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ9V1AT-Q NEXPERIA-MMBZ9V1AT-Q Datasheet
206Kb / 10P
   Low capacitance unidirectional double ESD protection diode
18 January 2023
MMBZ18VAL-Q NEXPERIA-MMBZ18VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ27VAL-Q NEXPERIA-MMBZ27VAL-Q Datasheet
217Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ33VAL-Q NEXPERIA-MMBZ33VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ6V2AL-Q NEXPERIA-MMBZ6V2AL-Q Datasheet
215Kb / 12P
   Low capacitance unidirectional double ESD protection diode
11 April 2023
logo
NXP Semiconductors
PESD36VS2UT PHILIPS-PESD36VS2UT Datasheet
128Kb / 12P
   Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com