Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBT3904M Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBT3904M
Description  40 V, 200 mA NPN switching transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT3904M Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBT3904M Datasheet HTML 1Page - NXP Semiconductors PMBT3904M Datasheet HTML 2Page - NXP Semiconductors PMBT3904M Datasheet HTML 3Page - NXP Semiconductors PMBT3904M Datasheet HTML 4Page - NXP Semiconductors PMBT3904M Datasheet HTML 5Page - NXP Semiconductors PMBT3904M Datasheet HTML 6Page - NXP Semiconductors PMBT3904M Datasheet HTML 7Page - NXP Semiconductors PMBT3904M Datasheet HTML 8Page - NXP Semiconductors PMBT3904M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PMBT3904M_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 21 July 2009
4 of 11
NXP Semiconductors
PMBT3904M
40 V, 200 mA NPN switching transistor
7.
Characteristics
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab603
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
--50
nA
IEBO
emitter-base cut-off
current
VEB =6V; IC = 0 A
--50
nA
hFE
DC current gain
VCE =1V
IC = 0.1 mA
60
180
-
IC = 1 mA
80
180
-
IC = 10 mA
100
180
300
IC = 50 mA
60
105
-
IC = 100 mA
30
50
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 1 mA
-
75
200
mV
IC = 50 mA; IB = 5 mA
-
120
300
mV
VBEsat
base-emitter
saturation voltage
IC = 10 mA; IB = 1 mA
650
750
850
mV
IC = 50 mA; IB = 5 mA
-
850
950
mV
td
delay time
VCC =3V; IC =10mA;
IBon = 1 mA;
IBoff = −1mA
--35
ns
tr
rise time
-
-
35
ns
ton
turn-on time
-
-
70
ns
ts
storage time
-
-
200
ns
tf
fall time
-
-
50
ns
toff
turn-off time
-
-
250
ns
Cc
collector capacitance VCB =5V; IE =ie =0A;
f=1MHz
--4
pF


Similar Part No. - PMBT3904M

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3904M NEXPERIA-PMBT3904M Datasheet
241Kb / 11P
   40 V, 200 mA NPN switching transistor
27 March 2023
PMBT3904MB NEXPERIA-PMBT3904MB Datasheet
229Kb / 11P
   40 V, 200 mA NPN switching transistor
More results

Similar Description - PMBT3904M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
   40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
logo
Nexperia B.V. All right...
MMBT3904-Q NEXPERIA-MMBT3904-Q Datasheet
213Kb / 10P
   40 V, 200 mA NPN switching transistor
7 October 2022
PMBT3904MB NEXPERIA-PMBT3904MB Datasheet
229Kb / 11P
   40 V, 200 mA NPN switching transistor
PMBT3904-Q NEXPERIA-PMBT3904-Q Datasheet
216Kb / 10P
   40 V, 200 mA NPN switching transistor
11 January 2023
PMBT3904M NEXPERIA-PMBT3904M Datasheet
241Kb / 11P
   40 V, 200 mA NPN switching transistor
27 March 2023
PMBT3904QA NEXPERIA-PMBT3904QA Datasheet
238Kb / 13P
   40 V, 200 mA NPN switching transistor
29 August 2018
PMBT3904 NEXPERIA-PMBT3904 Datasheet
220Kb / 11P
   40 V, 200 mA NPN switching transistor
5 November 2020
PMBT3904VS NEXPERIA-PMBT3904VS Datasheet
231Kb / 10P
   40 V, 200 mA NPN/NPN switching transistor
28 December 2022
logo
NXP Semiconductors
PMBT3904VS NXP-PMBT3904VS Datasheet
93Kb / 11P
   40 V, 200 mA NPN/NPN switching transistor
Rev. 01-8 July 2009
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
   40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com