Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1730 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC1730
Description  Thermal Monitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1730 Datasheet(HTML) 3 Page - Texas Instruments

  UC1730 Datasheet HTML 1Page - Texas Instruments UC1730 Datasheet HTML 2Page - Texas Instruments UC1730 Datasheet HTML 3Page - Texas Instruments UC1730 Datasheet HTML 4Page - Texas Instruments UC1730 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL
CHARACTERISTICS (cont):
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE COMPARATOR (cont.)
Output Leakage Current
VOUT = 1V
0.01
1.0
µA
PTAT BUFFER (8-Pin N, or J Version Only)
Output Voltage
at 300°K (26.85°C), Nominally 5mV/°K
1.460
1.50
1.54
V
In 10X Config. + VIN = 25V
14.6
15
15.4
V
Temperature Error
-12
12
°C
Temperature Linearity (Note 2)
2.0
5.0
°C
Line Regulation
+VIN = 5 to 25V
0.02
0.04
%/V
Load Regulation
IOUT = 0 to 2mA
1.0
3.0
mV
Dropout Voltage
PTAT + TO +VIN
1.9
2.5
V
Input Bias Current at PTAT– Input
-3.0
-1.0
µA
ALARM BUFFER COMPARATOR (8-Pin N, or J Version Only)
Threshold Voltage (VTH)
Alarm Delay Input Low to High
1.1
1.2
1.3
V
Threshold Hysteresis Voltage
Alarm Delay Voltage > VTH
100
250
mV
Input Bias Current
Alarm Delay Voltage < VTH
0.1
0.5
µA
Max Output Current
VOUT = 1V
7.0
15
mA
Output Sat Voltage
IOUT = 3mA
0.25
0.45
V
Output Leakage
VOUT = 35V
0.1
2.0
µA
UC1730
UC2730
UC3730
Unless otherwise stated, these specifications apply for TJ = 0°C to +100°C for the UC3730,
-25°C to + 100°C for the UC2730 and -55°C to +125°C for the UC1730, +VIN = + 5V, and
PTAT– = 0V. TA = TJ.
Note 2: This parameter is guaranteed by design and is not tested in production.
APPLICATIONS AND OPERATION INFORMATION
VOUT
= 5 x 
1
+
R2
R1
mV
° K
(Recommended Range for R1 is 2k to 4k)
Scaling the PTAT Output (8 Pin Version Only)
VREF Maximum Output Current vs Input Supply
Junction Temperature Rise vs Airflow UC3730N (8-
Pin Plastic Dip)
3


Similar Part No. - UC1730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1730 TI-UC1730 Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
More results

Similar Description - UC1730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
logo
ON Semiconductor
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
   Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
Analog Microelectronics
ATTM01 AME-ATTM01 Datasheet
144Kb / 18P
   Processor Thermal Monitor
logo
uPI Group Inc.
UP1905 UPI-UP1905 Datasheet
282Kb / 11P
   High Accuracy Thermal Monitor
logo
ON Semiconductor
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com