Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1051T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TJA1051T
Description  High-speed CAN transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1051T Datasheet(HTML) 4 Page - NXP Semiconductors

  TJA1051T Datasheet HTML 1Page - NXP Semiconductors TJA1051T Datasheet HTML 2Page - NXP Semiconductors TJA1051T Datasheet HTML 3Page - NXP Semiconductors TJA1051T Datasheet HTML 4Page - NXP Semiconductors TJA1051T Datasheet HTML 5Page - NXP Semiconductors TJA1051T Datasheet HTML 6Page - NXP Semiconductors TJA1051T Datasheet HTML 7Page - NXP Semiconductors TJA1051T Datasheet HTML 8Page - NXP Semiconductors TJA1051T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TJA1051_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 1 July 2009
4 of 18
NXP Semiconductors
TJA1051
High-speed CAN transceiver
6.
Functional description
The TJA1051 is a high-speed CAN stand-alone transceiver with Silent mode. It combines
the functionality of the TJA1050 transceiver with improved EMC and ESD handling
capability. Improved slope control and high DC handling capability on the bus pins
provides additional application flexibility.
The TJA1051 is available in two versions, distinguished only by the function of pin 5:
The TJA1051T is 100 % backwards compatible with the TJA1050
The TJA1051T/3 and TJA1051TK/3 allow for direct interfacing to microcontrollers with
supply voltages down to 3 V
6.1 Operating modes
The TJA1051 supports two operating modes, Normal and Silent, which are selectable via
pin S. See Table 3 for a description of the operating modes under normal supply
conditions.
[1]
LOW if the CAN bus is dominant, HIGH if the CAN bus is recessive.
[2]
X = don't care
6.1.1 Normal mode
A LOW level on pin S selects Normal mode. In this mode, the transceiver is able to
transmit and receive data via the bus lines CANH and CANL (see Figure 1 for the block
diagram). The differential receiver converts the analog data on the bus lines into digital
data which is output to pin RXD. The slope of the output signals on the bus lines is
controlled and optimized in a way that guarantees the lowest possible ElectroMagnetic
Emission (EME).
6.1.2 Silent mode
A HIGH level on pin S selects Silent mode. In Silent mode the transmitter is disabled,
releasing the bus pins to recessive state. All other IC functions, including the receiver,
continue to operate as in Normal mode. Silent mode can be used to prevent a faulty CAN
controller from disrupting all network communications.
6.2 Fail-safe features
6.2.1 TXD dominant time-out function
A ‘TXD dominant time-out’ timer is started when pin TXD is set LOW. If the LOW state on
pin TXD persists for longer than tto(dom)TXD, the transmitter is disabled, releasing the bus
lines to recessive state. This function prevents a hardware and/or software application
Table 3.
Operating modes
Mode
Inputs
Outputs
Pin S
Pin TXD
CAN driver
Pin RXD
Normal
LOW
LOW
dominant
active[1]
LOW
HIGH
recessive
active[1]
Silent
HIGH
X[2]
recessive
active[1]


Similar Part No. - TJA1051T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T NXP-TJA1051T Datasheet
383Kb / 18P
   High-speed CAN transceiver
Rev. 04-20 October 2009
TJA1051T NXP-TJA1051T Datasheet
484Kb / 21P
   High-speed CAN transceiver
Rev. 5-29 December 2010
TJA1051T PHILIPS-TJA1051T Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
TJA1051T PHILIPS-TJA1051T Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results

Similar Description - TJA1051T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com