Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

568-2193-2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 568-2193-2
Description  Logic level four-quadrant triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

568-2193-2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 568-2193-2 Datasheet HTML 4Page - NXP Semiconductors 568-2193-2 Datasheet HTML 5Page - NXP Semiconductors 568-2193-2 Datasheet HTML 6Page - NXP Semiconductors 568-2193-2 Datasheet HTML 7Page - NXP Semiconductors 568-2193-2 Datasheet HTML 8Page - NXP Semiconductors 568-2193-2 Datasheet HTML 9Page - NXP Semiconductors 568-2193-2 Datasheet HTML 10Page - NXP Semiconductors 568-2193-2 Datasheet HTML 11Page - NXP Semiconductors 568-2193-2 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Z0103MN_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 5 August 2009
9 of 12
NXP Semiconductors
Z0103MN
Logic level four-quadrant triac
7.
Package outline
Fig 12. Package outline SOT223 (SC-73)
UNIT
A1
bp
cD
E
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.10
0.01
1.8
1.5
0.80
0.60
b1
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
2.3
e
4.6
7.3
6.7
1.1
0.7
0.95
0.85
0.1
0.1
0.2
DIMENSIONS (mm are the original dimensions)
SOT223
SC-73
04-11-10
06-03-16
w M
bp
D
b1
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
B
c
y
0
2
4 mm
scale
A
X
13
2
4
Plastic surface-mounted package with increased heatsink; 4 leads
SOT223


Similar Part No. - 568-2193-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
568-2194-2 NXP-568-2194-2 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
568-2195-2 NXP-568-2195-2 Datasheet
694Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
568-2196-2 NXP-568-2196-2 Datasheet
696Kb / 14P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
568-2197-2 NXP-568-2197-2 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
568-2198-2 NXP-568-2198-2 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-18 March 2011
More results

Similar Description - 568-2193-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com