Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC8101 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC8101
Description  High Side Line Switch with Low Supply Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8101 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC8101 Datasheet HTML 3Page - Torex Semiconductor XC8101 Datasheet HTML 4Page - Torex Semiconductor XC8101 Datasheet HTML 5Page - Torex Semiconductor XC8101 Datasheet HTML 6Page - Torex Semiconductor XC8101 Datasheet HTML 7Page - Torex Semiconductor XC8101 Datasheet HTML 8Page - Torex Semiconductor XC8101 Datasheet HTML 9Page - Torex Semiconductor XC8101 Datasheet HTML 10Page - Torex Semiconductor XC8101 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7/32
XC8101
Series
<CE Pin>
The XC8101 enables an output P-channel MOSFET switch and the IC internal circuitry to turn off by the signal to the CE pin. In
the shutdown mode, the VOUT pin will be pulled down to the VSS by the CL auto-discharge function.
The output voltage becomes unstable when the CE pin is opened. If the input voltage to the CE pin is within the specified
threshold voltages, the logic is fixed and the XC8101 will operate normally. However, supply current may increase as a result
of the shoot-through current of internal circuitry when the medium level voltage is input to the CE pin.
Input Capacitor>
The XC8101 works well without an output capacitor (CL). However, an output capacitor such as a bypass capacitor is tied up
to the output side of the IC, input voltage ringing may occur when the IC is turned on. In order to reduce the ringing, an input
capacitor with the value of 1μF or more is requested to attach between VIN pin and VSS pin. The capacitor should be tied and
placed as close as the IC.
<CL Auto-Discharge Function>
The XC8101A contains a CL auto-discharge resistor and an N-channel transistor between the VOUT pin and the VSS pin. The
XC8101A quickly discharge the electric charge in the output capacitor (CL) when a low signal to the CE pin is input to turn off a
whole IC circuit. . The CL auto-discharge resistance is set at 900Ω (VOUT=4.0V TYP. @ VIN=4.0). Discharge time of the output
capacitor (CL) is determined by a CL auto-discharge resistor value (RDCHG) and an output capacitor value. Time constant τ is
defined as (τ = C x RDCHG). Output voltage after starting discharge can be calculated by the following formula.
V = VOUT x e
–t/τ, or t=τIn (VOUT / V)
V: Output voltage after starting discharge
VOUT: Output voltage
t: Discharge time
τ: Output discharge resistor value Rdischg×Output capacitor (CL) value C
<Current Limiter, Short-Circuit Protection>
The XC8101 series contains a constant current limiter and foldback current circuitry. The constant current limiter operates to
limit output current and the foldback current circuitry operates as short circuit protection for the output pin.
When the load current reaches the limit current, the constant current limiter operates and the output voltage drops. The output
voltage further, then the foldback current circuitry operates to decrease the output current. When the output pin is short-circuited
to the ground, the output current drops and maintains a flow about 30mA.
■OPERATIONAL EXPLANATION
1.
Please use this IC within the stated absolute maximum ratings. Operation beyond these limits may cause degrading or
permanent damage to the device.
2.
The X8101 goes into an undefined operation when the CE pin is left open. The CE pin shall be tied to low or high level.
3. VOUT pin voltage should not be applied beyond the VIN pin voltage. The IC may get damage due to the reverse current
toward the VIN pin.
■NOTES ON USE


Similar Part No. - XC8101

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101-12 TOREX-XC8101-12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01GR-G TOREX-XC8101AA01GR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01NR-G TOREX-XC8101AA01NR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
More results

Similar Description - XC8101

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101 TOREX-XC8101_12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101-12 TOREX-XC8101-12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
logo
Infineon Technologies A...
AUIPS6125RTRL INFINEON-AUIPS6125RTRL Datasheet
450Kb / 17P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Rev 1.3 2016-11-08
logo
International Rectifier
AUIR3317S IRF-AUIR3317S Datasheet
297Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3316 INFINEON-AUIR3316 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
logo
International Rectifier
IR3315 IRF-IR3315 Datasheet
1Mb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316S IRF-IR3316S Datasheet
894Kb / 11P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com