Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6801 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6801
Description  1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6801 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6801 Datasheet HTML 1Page - Torex Semiconductor XC6801 Datasheet HTML 2Page - Torex Semiconductor XC6801 Datasheet HTML 3Page - Torex Semiconductor XC6801 Datasheet HTML 4Page - Torex Semiconductor XC6801 Datasheet HTML 5Page - Torex Semiconductor XC6801 Datasheet HTML 6Page - Torex Semiconductor XC6801 Datasheet HTML 7Page - Torex Semiconductor XC6801 Datasheet HTML 8Page - Torex Semiconductor XC6801 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
XC6801
Series
■OPERATIONAL DESCRIPTION
<Charge Cycle>
If the BAT pin voltage is less than 2.9V, the charger enters trickle charge mode. In this mode, a safe battery charge is possible
because approximately only 1/10 of the charge current is supplied to the battery. When the BAT pin voltage rises above 2.9V,
the charger enters constant-current mode (CC mode) and the battery is charged by the programmed charge current. When
the BAT pin voltage reaches 4.2V, the charger enters constant-voltage mode (CV mode) automatically. After this, the charge
current starts to drop and when it reaches a level which is 1/10 of the programmed charge current, the charge terminates.
<Setting Charge Current>
The charge current can be set from 475mA(TYP.)or 95mA(TYP.)by the LIM pin.
LIM ”H” level input:475mA(TYP.)
LIM ”L” level input:95mA(TYP.)
<Charge Termination>
The battery charge is terminated when the charge current decreases to 1/10 of the full charging level after the battery pin
voltage reaches a float voltage. An internal comparator monitors the ISEN pin voltage to detect the charge termination. When
the comparator sees that the ISEN pin voltage is less than 1.2ms (charge termination detect time), the IC enters stand-by mode.
A driver transistor turns off during the stand-by mode.
<Automatic Recharge>
In stand-by mode battery voltage falls. When the voltage level at the battery pin drops to 4.05V or less, the charge cycle
automatically re-start after a delay of 1.7ms. As such, no external activation control is needed.
Failure Detection
Input Voltage Monitor (UVLO)
VIN-BAT Voltage Monitor (UVLO)
Shut-Down
Shut-Down
Charge Cycle
(Charge Main Routine)
Trickle Charge
Charge Cycle
Charge Cycle
Constant-Current Charge (CC)
Constant-Voltage Charge (CV)
Charge Termination
(Stand-by mode)
VLIM-“H” IBAT≦IBAT1/10
VLIM-“L” IBAT≦IBAT1/10
Maintaining the charge state
during a charge termination
detect time (1ms)
Maintaining the stand-by mode
during a recharge time (2ms)


Similar Part No. - XC6801

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421PR-G TOREX-XC6801A421PR-G Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801 TOREX-XC6801_12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC6801

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801_12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6802 TOREX-XC6802 Datasheet
356Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com