Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM519 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCM519 Datasheet HTML 1Page - Torex Semiconductor XCM519 Datasheet HTML 2Page - Torex Semiconductor XCM519 Datasheet HTML 3Page - Torex Semiconductor XCM519 Datasheet HTML 4Page - Torex Semiconductor XCM519 Datasheet HTML 5Page - Torex Semiconductor XCM519 Datasheet HTML 6Page - Torex Semiconductor XCM519 Datasheet HTML 7Page - Torex Semiconductor XCM519 Datasheet HTML 8Page - Torex Semiconductor XCM519 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1/49
XCM519 Series
600mA Synchronous Step-Down DC/DC Converter + Low Voltage Input LDO
■GENERAL DESCRIPTION
The XCM519 series is a multi combination module IC which comprises of a 600mA driver transistor built-in synchronous
step–down DC/DC converter and a low voltage input LDO regulator. The device is housed in small USP-12B01 package which
is ideally suited for space conscious applications. Battery operated portable products require high efficiency so that a dual
DC/DC converter is often used. The XCM519 can replace this dual DC/DC to eliminate one inductor and reduce output noise.
The DC/DC converter and the LDO regulator blocks are isolated in the package so that noise interference from the DC/DC to
the LDO regulator is minimal.
A low output voltage and low On-resistance LDO regulator is added in series to the DC/DC output so that one another low output
voltage is created with a high efficiency and low noise. With comparison to the dual DC/DC solution, one inductor can be
eliminated which results in parts reduction and board space saving.
■APPLICATIONS
●Mobile phones, Smart phones
●Bluetooth equipment
●Portable communication modems
●Portable game consoles
(TOP VIEW)
* The dashed lines denote the connection using
through-holes at the backside of the PC board.
ETR2421-003
TYPICAL APPLICATION CIRCUIT
■TYPICAL PERFORMANCE
CHARACTERISTICS
Dropout Voltage vs. Output Current
VR O UT= 1.2V
0
50
100
150
200
250
300
0
100
200
300
400
 Output Current: IOUT(mA)
VBIAS=3.0V
VBIAS=3.3V
VBIAS=3.6V
VBIAS=4.2V
VBIAS=5.0V
Ta=25℃
■FEATURES
<DC/DC Convertor Block>
Input Voltage Range
: 2.7V ~ 6.0V
Output Voltage Range : 0.8V ~ 4.0V
High Efficiency
: 92% (TYP.)
Output Current
: 600mA (MAX.)
Oscillation Frequency
: 1.2MHz, 3.0MHz (+15%)
Maximum Duty Cycle
: 100%
Soft-Start Circuit Built-In
Current Limiter Circuit
Built-In
(Constant Current & Latching)
Control Methods
: PWM (XCM519A)
PWM/PFM Auto (XCM519B)
*Performance depends on external components and wiring on PCB wiring.
<Regulator Block>
Maximum Output Current : 400mA (Limiter 550mA TYP.)
Dropout Voltage
: 35mV@IOUT=100mA (TYP.)
(at VBIAS - VROUT(E)=2.4V)
Bias Voltage Range
: 2.5V ~ 6.0V (VBIAS - VROUT(E)=0.9V)
Input Voltage Range
: 1.0V ~ 3.0V (VIN2≦VBIAS)
Output Voltage Range : 0.7V ~ 1.8V (0.05V increments)
High Output Accuracy
: ±20mV
Supply Current
: IBIAS=25μA , IIN2=1.0μA (TYP.)
Stand-by Current
: IBIAS=0.01μA , IIN2=0.01μA (TYP.)
UVLO
: VBIAS=2.0V , VIN2=0.4V (TYP)
Thermal Shut Down
: Detect 150℃, Release 125℃ (TYP.)
Soft-start Time
: 240μs@VROUT=1.2V(TYP.)
CL High Speed Auto-Discharge
Low ESR Capacitor
: Ceramic Capacitor Compatible
Operating Temperature Range
: -40℃ ~ +85℃
Package
: USP-12B01
Standard Voltage Combinations : DC/DC
VR
XCM519xx01Dx
1.8V
1.2V
XCM519xx02Dx
1.8V
1.5V
XCM519xx03Dx
1.5V
1.2V
XCM519xx04Dx
1.8V
1.0V
XCM519xx05Dx
1.5V
1.0V
*Other combinations are available as semi-custom products.


Similar Part No. - XCM519

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 123P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
logo
Torex Semiconductor
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XCM517AA01DR TOREX-XCM517AA01DR Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XCM517AA02DR TOREX-XCM517AA02DR Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
More results

Similar Description - XCM519

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com