Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6120C102NR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6120C102NR-G
Description  Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6120C102NR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6120C102NR-G Datasheet HTML 5Page - Torex Semiconductor XC6120C102NR-G Datasheet HTML 6Page - Torex Semiconductor XC6120C102NR-G Datasheet HTML 7Page - Torex Semiconductor XC6120C102NR-G Datasheet HTML 8Page - Torex Semiconductor XC6120C102NR-G Datasheet HTML 9Page - Torex Semiconductor XC6120C102NR-G Datasheet HTML 10Page - Torex Semiconductor XC6120C102NR-G Datasheet HTML 11Page - Torex Semiconductor XC6120C102NR-G Datasheet HTML 12Page - Torex Semiconductor XC6120C102NR-G Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
XC6120
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Output Current (Nch Driver) vs. Input Voltage
XC6120x502xx
0
2
4
6
8
10
012
3456
Input Voltage: VIN [V]
Ta= -40℃
VOUT=0.5V
25℃
85℃
XC6120x502xx
0
2
4
6
8
10
01
2
3
456
Input Voltage: VIN (V)
Ta= -40℃
VOUT=0.3V
25℃
85℃
XC6120x502xx
0
1
2
3
4
5
6
0
1
2
3
456
Input Voltage: VIN (V)
Ta= -40℃
VOUT=0.1V
25℃
85℃
XC6120C102xx
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
1
2
34
56
Input Voltage: VIN (V)
Ta= 85℃
25℃
-40℃
VOUT=VIN-0.5V
(5) Output Current (Pch Driver) vs. Input Voltage
XC6120C102xx
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
12
3
4
56
Input Voltage: VIN (V)
Ta= 85℃
25℃
-40℃
VOUT=VIN-0.3V
XC6120C102xx
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
123
456
Input Voltage: VIN (V)
Ta= 85℃
25℃
-40℃
VOUT=VIN-0.1V


Similar Part No. - XC6120C102NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6120C102NR-G TOREX-XC6120C102NR-G Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
More results

Similar Description - XC6120C102NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61J TOREX-XC61J Datasheet
304Kb / 15P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120 Datasheet
257Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120_2 Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Rohm
BD48XXG-E ROHM-BD48XXG-E Datasheet
433Kb / 18P
   Highly accurate, low-current Voltage Detector IC series.
BD52XXG-E ROHM-BD52XXG-E Datasheet
400Kb / 16P
   Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301A ACE-ACE301A Datasheet
412Kb / 7P
   Ultra-Small High-Precision Low Voltage Detector
VER 1.1
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com