Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61HC1642MR-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC61HC1642MR-G
Description  Voltage Detector with Delay Circuit Built-In
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61HC1642MR-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XC61HC1642MR-G Datasheet HTML 1Page - Torex Semiconductor XC61HC1642MR-G Datasheet HTML 2Page - Torex Semiconductor XC61HC1642MR-G Datasheet HTML 3Page - Torex Semiconductor XC61HC1642MR-G Datasheet HTML 4Page - Torex Semiconductor XC61HC1642MR-G Datasheet HTML 5Page - Torex Semiconductor XC61HC1642MR-G Datasheet HTML 6Page - Torex Semiconductor XC61HC1642MR-G Datasheet HTML 7Page - Torex Semiconductor XC61HC1642MR-G Datasheet HTML 8Page - Torex Semiconductor XC61HC1642MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
XC61H
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
CMOS output
Output Configuration
N
N-ch open drain output
②③
Detect Voltage (VDF)
16 ~ 60
e.g. 2.5V → ②2 , ③5
1
50ms ~ 200ms
4
80ms ~ 400ms
Release Delay Time
5
1ms ~ 50ms
Detect Accuracy
2
± 2.0%
⑥⑦-⑧
Packages
Taping Type
(*2)
MR-G
SOT-23 (Halogen & Antimony free)
■PRODUCT CLASSIFICATION
●Ordering Information
XC61H ①②③④⑤⑥⑦-⑧
(*1)
■BLOCK DIAGRAMS
(1)CMOS output
(2)N-ch open drain output
(*1) The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or representative.
(Standard orientation: ⑥R-⑧, Reverse orientation: ⑥L-⑧)


Similar Part No. - XC61HC1642MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61HC1642MR-G TOREX-XC61HC1642MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
More results

Similar Description - XC61HC1642MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61H TOREX-XC61H_1 Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com