Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9133B02AMR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9133B02AMR-G
Description  Step-Up DC/DC Converter-LED Backlight Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9133B02AMR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9133B02AMR-G Datasheet HTML 1Page - Torex Semiconductor XC9133B02AMR-G Datasheet HTML 2Page - Torex Semiconductor XC9133B02AMR-G Datasheet HTML 3Page - Torex Semiconductor XC9133B02AMR-G Datasheet HTML 4Page - Torex Semiconductor XC9133B02AMR-G Datasheet HTML 5Page - Torex Semiconductor XC9133B02AMR-G Datasheet HTML 6Page - Torex Semiconductor XC9133B02AMR-G Datasheet HTML 7Page - Torex Semiconductor XC9133B02AMR-G Datasheet HTML 8Page - Torex Semiconductor XC9133B02AMR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
XC9133
Series
SYMBOL
VALUE
PART NUMBER
MANUFACTURER
L
22
μH
VLF3010A-220MR
TDK
XBS053V15R
(*2)
TOREX
SBD
(*1)
-
MA2Z720
PANASONIC
CIN
4.7
μF
JMK107BJ475MA-B
TAIYO YUDEN
CL
(*3)
0.22
μF
TMK107BJ224KA-B
TAIYO YUDEN
The series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase
compensation circuit, Lx overvoltage limit circuit, N-channel MOS driver transistor, current limiter circuit and others.
Phase compensation is performed on the resulting error amplifier output, to input a signal to the PWM comparator to
determine the turn-on time during switching.
The PWM comparator compares, in terms of voltage level, the signal from
the error amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting output to the N-channel MOS
driver transistor to cause the Lx pin to output a switching duty cycle.
This process is continuously performed to ensure
stable output voltage. The current feedback circuit detects the N-channel MOS driver transistor's current for each
switching operation, and modulates the error amplifier output signal.
This enables a stable feedback loop even when a
low ESR capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the IC.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency.
The 1MHz (TYP.) of frequency is fixed internally.
Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM operation.
<Error Amplifier>
The error amplifier is designed to monitor output voltage.
The amplifier compares the reference voltage with the FB pin
voltage.
When a feed-back voltage becomes lower than the reference voltage, an output voltage of the error amplifier is
increased.
Gain and frequency characteristics of the error amplifier output are fixed internally as an optimize signal.
■TYPICAL APPLICATION CIRCUITS
●XC9133B02A
■EXTERNAL COMPONENTS
NOTE:
*1: Please use a Schottky barrier diode (SBD) with a low junction capacitance.
*2: For using the XBS053V15R with four white LEDs in series, please be noted with a direct reverse voltage (VR=20V) and a
repetitive peak reverse voltage (VRM=30V).
*3: Use ceramic capacitors processing a low temperature coefficient.
■OPERATIONAL EXPLANATION


Similar Part No. - XC9133B02AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
More results

Similar Description - XC9133B02AMR-G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
   LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
logo
Torex Semiconductor
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
R1218N021A RICOH-R1218N021A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com