Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9128B45CDR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9128B45CDR
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9128B45CDR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9128B45CDR Datasheet HTML 1Page - Torex Semiconductor XC9128B45CDR Datasheet HTML 2Page - Torex Semiconductor XC9128B45CDR Datasheet HTML 3Page - Torex Semiconductor XC9128B45CDR Datasheet HTML 4Page - Torex Semiconductor XC9128B45CDR Datasheet HTML 5Page - Torex Semiconductor XC9128B45CDR Datasheet HTML 6Page - Torex Semiconductor XC9128B45CDR Datasheet HTML 7Page - Torex Semiconductor XC9128B45CDR Datasheet HTML 8Page - Torex Semiconductor XC9128B45CDR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
XC9128/XC9129 Series
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
VOUT Pin Voltage
VOUT
- 0.3~6.5
V
AEN/ Pin Voltage
(*2)
VAEN/
- 0.3~6.5
V
FO Pin Voltage
(*2)
VFO
- 0.3~6.5
V
FO Pin Current
(*2)
IFO
10
mA
FB Pin Voltage
VFB
- 0.3~6.5
V
BAT Pin Voltage
VBAT
- 0.3~6.5
V
MODE Pin Voltage
VMODE
- 0.3~6.5
V
EN Pin Voltage
VEN
- 0.3~6.5
V
LX Pin Voltage
VLx
- 0.3~VOUT+0.3
V
LX Pin Current
ILx
2000
mA
MSOP-10
350
(*1)
USP-10B
150
Power Dissipation
SOP-8
(Under Development)
Pd
300
mW
Operating Temperature Range
Topr
- 40~+85
oC
Storage Temperature Range
Tstg
- 55~+125
oC
AGND, PGND is the standard voltage for all of voltages.
*1: When implemented on a PCB.
*2: The XC9129 series does not have AEN/ pin and FO pin. These pins are available only in the XC9128 series.
XC9128 Series
* XC9129 Series
The XC9129 series does not have AEN/ pin and FO pin.


Similar Part No. - XC9128B45CDR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
More results

Similar Description - XC9128B45CDR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
   1.4A, Inductor Built-in Step-up DC/DC Converters
logo
Linear Technology
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com