Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61HN2552MR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC61HN2552MR-G
Description  Voltage Detector with Delay Circuit Built-In
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61HN2552MR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC61HN2552MR-G Datasheet HTML 1Page - Torex Semiconductor XC61HN2552MR-G Datasheet HTML 2Page - Torex Semiconductor XC61HN2552MR-G Datasheet HTML 3Page - Torex Semiconductor XC61HN2552MR-G Datasheet HTML 4Page - Torex Semiconductor XC61HN2552MR-G Datasheet HTML 5Page - Torex Semiconductor XC61HN2552MR-G Datasheet HTML 6Page - Torex Semiconductor XC61HN2552MR-G Datasheet HTML 7Page - Torex Semiconductor XC61HN2552MR-G Datasheet HTML 8Page - Torex Semiconductor XC61HN2552MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
XC61H Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
12.0
V
Output Current
IOUT
50
mA
CMOS
VSS-0.3 ~VIN+0.3
Output Voltage
N-ch open drain
RESTB
VSS -0.3 ~ 12
V
Power Dissipation
SOT-23
Pd
250
mW
Operating Temperature Range
Topr
-30∼+80
Storage Temperature Range
Tstg
-40∼+125
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Detect Voltage
VDF
VDF(T)
x 0.98
VDF(T)
VDF(T)
x 1.02
V
Hysteresis Width
VHYS
VDF
x 0.02
VDF
x 0.05
VDF
x 0.08
V
VIN = 1.5V
-
0.9
2.6
VIN = 2.0V
-
1.0
3.0
VIN = 3.0V
-
1.3
3.4
VIN = 4.0V
-
1.6
3.8
Supply Current
(*1)
ISS
VIN = 5.0V
-
2.0
4.2
μA
Operating Voltage
VIN
VDF=1.6V∼6.0V
0.7
-
10.0
V
VIN = 1.0V
1.0
2.2
-
VIN = 2.0V
3.0
7.7
-
N-ch, VDS = 0.5V
VIN = 3.0V
5.0
10.1
-
VIN = 4.0V
6.0
11.5
-
VIN = 5.0V
7.0
13.0
-
Output Current
IOUT
P-ch, VDS=2.1V
(CMOS Output)
VIN = 8.0V
-10.0
-2.0
mA
CMOS Output
-
0.01
-
Leakage
Current
Nch Open Drain
ILEAK
VIN=10.0V, VOUT=10.0V
-
0.01
0.1
μA
Detect Voltage
Temperature Characteristics
ΔVDF
ΔTopr・VDF
-
±100
-
ppm/℃
-
50
-
200
80
-
400
Release Delay Time
(VDR → RESEB inversion)
tDR
VIN changes from 0.6V to 10V
1
-
50
ms
Ta=25℃
VDF (T) is nominal detect voltage value
Release Voltage: VDR = VDF + VHYS
(*1) The supply current during power-start until output being stable (during release operation) is 2μA greater with comparison to the period
after the completion of release operation because of the shoot-through current in delay current.
■ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
■ELECTRICAL CHARACTERISTICS


Similar Part No. - XC61HN2552MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61HN1612MR-G TOREX-XC61HN1612MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61HN1622MR-G TOREX-XC61HN1622MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61HN1642MR-G TOREX-XC61HN1642MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61HN1652MR-G TOREX-XC61HN1652MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61HN6012MR-G TOREX-XC61HN6012MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
More results

Similar Description - XC61HN2552MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61H TOREX-XC61H_1 Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com