Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE61CN6002PR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XE61CN6002PR
Description  Standard Voltage Detectors (VDF=1.6V節?.0V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XE61CN6002PR Datasheet(HTML) 1 Page - Torex Semiconductor

  XE61CN6002PR Datasheet HTML 1Page - Torex Semiconductor XE61CN6002PR Datasheet HTML 2Page - Torex Semiconductor XE61CN6002PR Datasheet HTML 3Page - Torex Semiconductor XE61CN6002PR Datasheet HTML 4Page - Torex Semiconductor XE61CN6002PR Datasheet HTML 5Page - Torex Semiconductor XE61CN6002PR Datasheet HTML 6Page - Torex Semiconductor XE61CN6002PR Datasheet HTML 7Page - Torex Semiconductor XE61CN6002PR Datasheet HTML 8Page - Torex Semiconductor XE61CN6002PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
XE61C Series
Standard Voltage Detectors (VDF=1.6V∼6.0V)
■GENERAL DESCRIPTION
The XE61C series is a highly precise, low power consumption voltage detector, manufactured using CMOS process and laser
trimming technologies.
Detect voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output configurations are available.
The XE61C assures all temperature range (Ta= - 40OC ~ + 85OC).
■APPLICATIONS
●Microprocessor reset circuitry
●Memory battery back-up circuits
●Power-on reset circuits
●Power failure detection
●System battery life and charge voltage monitors
■TYPICAL PERFORMANCE
CHARACTERISTICS
■FEATURES
Detect Voltage Accuracy
: ± 2% (Ta=25OC)
± 4% (Ta=-40OC∼+85℃)
Detect Voltage
: 1.6V∼6.0V (0.1V increments)
Temperature Characteristics
: ±400ppm/℃ (Ta=- 40OC~+85OC)
Operating Voltage Range
: 0.7V∼10.0V
Low Power Consumption
: 0.7μA TYP. (VIN=1.5V)
Output Configuration
: N-channel open drain or CMOS
Packages
: SOT-23
SOT-89
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■TYPICAL APPLICATION CIRCUITS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
024
68
10
Input Voltage: VIN (V)
Ta=85℃
-40℃
25℃
XE61CC4502 (4.5V)
ETR0208-004


Similar Part No. - XE61CN6002PR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE600NS ETC-XE600NS Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
logo
Torex Semiconductor
XE6216 TOREX-XE6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XE6216 TOREX-XE6216 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XE6216 TOREX-XE6216 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XE6216 TOREX-XE6216 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XE61CN6002PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XA6121 TOREX-XA6121 Datasheet
378Kb / 27P
   ?╉궔?껁긽?됥긿??ON/OFF 艅잒꺗餓섅걤?삣쑇濾쒎눣?⑨펷VDF=1.6V節?.0V
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com