Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OARS3R005JLF Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # OARS3R005JLF
Description  Open Air Sense Resistors Metal Alloy Strip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

OARS3R005JLF Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  OARS3R005JLF Datasheet HTML 1Page - IRC - a TT electronics Company. OARS3R005JLF Datasheet HTML 2Page - IRC - a TT electronics Company. OARS3R005JLF Datasheet HTML 3Page - IRC - a TT electronics Company. OARS3R005JLF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
February 2009 Issue Page 4 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
OARS-3
Open Air Sense Resistors
Metal Alloy Strip
Note 1
: Package volume excludes external
terminals (balls, bumps, lands, leads) and/or
non-integral heat sinks.
Note 2
: The maximum component temperature
reached during reflow depends on package
thickness and volume. The use of convection
reflow processess reduces the thermal gradients
between packages. However, thermal gradients
due to differences in thermal mass of SMD pack-
ages may still exist.
Note 3
: Components intended for use in “lead-
free” assembly process shall be evaluated using
the “lead-free” peak temperature and profiles
defined in Table 1, 2 and reflow profile whether
or not lead-free.
Tabel 1: SnPb Eutectic Process -
Package Peak Reflow Temperatures
Package
Thickness
Volume mm3 < 350
Volume mm3 ≥ 350
< 2.5 mm
240 +0/-5°C
225 +0/-5°C
≥ 2.5 mm
225 +0/-5°C
225 +0/-5°C
Tabel 2: Pb-free Process -
Package Peak Reflow Temperatures
Package
Thickness
Volume mm3
< 350
Volume mm3
350 - 2000
Volume mm3
> 2000
< 1.6 mm
260°C *
260°C *
260°C *
1.6 mm - 2.5 mm
260°C *
250°C *
245°C *
≥ 2.5 mm
250°C *
245°C *
245°C *
* Tolerance: The device manufacturer/supplier shall assure process compat-
ibility up to and including the stated classification temperature at the rated MSL
level.
Note 1
: All temperatures refer
to topside of the package,
measured on the package
body surface.
Note 2
: Time within 5 °C of
actual peak temperature (tp)
specified for the reflow profiles
is a “supplier” minimum and a
“user” maximum.
Profile Feature
Sn-Pb Eutectic
Assembly
Pb-Free
Assembly
Average Ramp-up rate (Tsmax to Tp)
3°C / second max.
3°C / second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax) (ts)
100°C
150°C
60 -120 seconds
150°C
200°C
60 -180 seconds
Time maintained above
- Temperature (TL)
- Time (tL)
183°C
60 - 150 seconds
217°C
60 - 150 seconds
Peak Temperature (TP)
See Table 1
See Table 2
Time within 5°C of actual Peak Temperature (tp)2
10 - 30 seconds
20 - 40 seconds
Ramp-down Rate
6°C / second max.
6°C / second max.
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
Sn-Pb Eutectic and Pb-Free Reflow Profiles
Time
Critical Zone
T
L to TP
Ramp-down
Ramp-up
t 25°C to Peak
T
P
T
L
T
smax
T
smin
t
s
Preheat
t
L
25
t
P
* Based on Industry Standards and IPC recommendations
IRC Solder Reflow Recommendations


Similar Part No. - OARS3R005JLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OARS3R003FLF TTELEC-OARS3R003FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
More results

Similar Description - OARS3R005JLF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OARS-XPR005FLF IRCTT-OARS-XPR005FLF Datasheet
108Kb / 3P
   Open Air Sense Resistors Metal Alloy Strip
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
logo
Welwyn Components Limit...
ULR1 WELWYN-ULR1 Datasheet
430Kb / 3P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com