Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA02041001R00DBLK Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # MMA02041001R00DBLK
Description  Metal Glaze General Purpose Surface Mount Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MMA02041001R00DBLK Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  MMA02041001R00DBLK Datasheet HTML 1Page - IRC - a TT electronics Company. MMA02041001R00DBLK Datasheet HTML 2Page - IRC - a TT electronics Company. MMA02041001R00DBLK Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Derating Curve
Repetitive Surge Curve
Sample Part No.
IRC Type
(MMA0204, MMB0207, MMC0310)
Temperature Coefficient
50 = ±50 ppm/°C; 100 = ±100 ppm/°C
Resistance Value
(100 ohms and greater - First 3 significant figures plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - ‘R’ is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohm = R250
Tolerance
(D = 0.5%, F = 1.0%)
Packaging Details
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Ordering Data
MMA0204
50
2203
F
13
Ambient Temperature (°C)
30 40
50
60
70 80
90 100 110 120 130 140 150
120
100
80
60
40
20
0
2
1/8, 1/2, 1
1
2
1/8
1/2
0.0001
0.0010
0.0100
0.1000
1.0000
.1msec
1msec
10msec
100msec
10000msec
1000
100
10
1
Surge or Pulse Duration (seconds)
Note: Use for repetitive pulses where the average power dissipation is not to exceed
the component rating at 70C. Surge handling capacity for low-repetitive surges may
be significantly greater than shown above. Contact factory for recommendations.
Size
Code
Industry
Footprint
Reel
Diameter*
Quantity
Per Reel
Carrier Tape
Width
Component
Pitch
B
1206
7
2,500 max.
8mm
4mm
13
10,000 max.
F
2512
7"
1,500 max.
12mm
4mm
13
5,000 max.
H
3610
13
1,500 max.
24mm
4mm
*The 13
″ reel is considered standard and will be supplied unless otherwise specified.
Standard Reel Packaging per EIA-481:
Metal GlazeGeneral Purpose
Surface Mount Power Resistor
Note:
RoHS compliance is noted by inserting “LF”
into the part number immediately following the
tolerance designator. RoHS compliant metalli-
zation is 96.5% Sn / 3% Ag / 0.5% Cu. RoHS-
compliant product is NOT backwards compat-
ible to Sn/Pb soldering environments.
MM Series Issue March 2009 Sheet 3 of 3


Similar Part No. - MMA02041001R00DBLK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA0204 VISHAY-MMA0204 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
MMA0204 VISHAY-MMA0204 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA0204 VISHAY-MMA0204 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA0204 VISHAY-MMA0204 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA0204 VISHAY-MMA0204 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMA02041001R00DBLK

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HSF-1-50-11R0-K-LF-BLK IRCTT-HSF-1-50-11R0-K-LF-BLK Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
   General Purpose Power Metal Glaze Resistor
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
   Metal Glaze High Power Density Surface Mount Power Resistor
ARG IRCTT-ARG Datasheet
154Kb / 1P
   High Power Metal Glaze??Resistor
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
PPC11001BLFBLK IRCTT-PPC11001BLFBLK Datasheet
201Kb / 3P
   Metal Glaze Surface Mount Precision Power Chip
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
   High Voltage Metal Glaze Resistor
5/4/2022
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
   Metal Glaze??Cylindrical Official Size Power Resistor
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
   Thick Film Metal Glaze Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com