Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6118N08DMR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6118N08DMR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118N08DMR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6118N08DMR-G Datasheet HTML 5Page - Torex Semiconductor XC6118N08DMR-G Datasheet HTML 6Page - Torex Semiconductor XC6118N08DMR-G Datasheet HTML 7Page - Torex Semiconductor XC6118N08DMR-G Datasheet HTML 8Page - Torex Semiconductor XC6118N08DMR-G Datasheet HTML 9Page - Torex Semiconductor XC6118N08DMR-G Datasheet HTML 10Page - Torex Semiconductor XC6118N08DMR-G Datasheet HTML 11Page - Torex Semiconductor XC6118N08DMR-G Datasheet HTML 12Page - Torex Semiconductor XC6118N08DMR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
XC6118
Series
SYMBOL
E-1
E-2
E-3
E-4
PARAMETER
NOMINAL
VOLTAGE
DETECT VOLTAGE
(*1)
(V)
HYSTERESIS RANGE
(V)
HYSTERESIS RANGE
(V)
SENSE RESISTANCE
(MΩ)
VDF
VHYS
VHYS
RSEN
VDF(T)
(V)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
TYP.
0.8
0.770
0.830
0.015
0.066
0.008
0.9
0.870
0.930
0.017
0.074
0.009
1.0
0.970
1.030
0.019
0.082
0.010
1.1
1.070
1.130
0.021
0.090
0.011
1.2
1.170
1.230
0.023
0.098
0.012
1.3
1.270
1.330
0.025
0.106
0.013
1.4
1.370
1.430
0.027
0.114
0.014
1.5
1.470
1.530
0.029
0.122
0.015
1.6
1.568
1.632
0.031
0.131
0.016
1.7
1.666
1.734
0.033
0.085
0.017
1.8
1.764
1.836
0.035
0.147
0.018
1.9
1.862
1.938
0.037
0.155
0.019
10
20
2.0
1.960
2.040
0.039
0.163
0.020
2.1
2.058
2.142
0.041
0.171
0.021
2.2
2.156
2.244
0.043
0.180
0.022
2.3
2.254
2.346
0.045
0.188
0.023
2.4
2.352
2.448
0.047
0.196
0.024
2.5
2.450
2.550
0.049
0.204
0.026
2.6
2.548
2.652
0.051
0.212
0.027
2.7
2.646
2.754
0.053
0.220
0.028
2.8
2.744
2.856
0.055
0.228
0.029
2.9
2.842
2.958
0.057
0.237
0.030
3.0
2.940
3.060
0.059
0.245
0.031
3.1
3.038
3.162
0.061
0.253
0.032
3.2
3.136
3.264
0.063
0.261
0.033
3.3
3.234
3.366
0.065
0.269
0.034
3.4
3.332
3.468
0.067
0.277
0.035
3.5
3.430
3.570
0.069
0.286
0.036
3.6
3.528
3.672
0.071
0.294
0.037
3.7
3.626
3.774
0.073
0.302
0.038
3.8
3.724
3.876
0.074
0.310
0.039
3.9
3.822
3.978
0.076
0.318
0.040
13
24
4.0
3.920
4.080
0.078
0.326
0.041
4.1
4.018
4.182
0.080
0.335
0.042
4.2
4.116
4.284
0.082
0.343
0.043
4.3
4.214
4.386
0.084
0.351
0.044
4.4
4.312
4.488
0.086
0.359
0.045
4.5
4.410
4.590
0.088
0.367
0.046
4.6
4.508
4.692
0.090
0.375
0.047
4.7
4.606
4.794
0.092
0.384
0.048
4.8
4.704
4.896
0.094
0.392
0.049
4.9
4.802
4.998
0.096
0.400
0.050
5.0
4.900
5.100
0.098
0.408
0
0.051
15
28
■VOLTAGE CHART
NOTE:
*1: When VDF(T)≦1.4V, the detection accuracy is ±30mV.
When VDF(T)≧1.5V, the detection accuracy is ±2%.


Similar Part No. - XC6118N08DMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118N08DMR-G TOREX-XC6118N08DMR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118N08DMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com