Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTD-P0805-42-1000-F Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # RTD-P0805-42-1000-F
Description  Platinum Temperature Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RTD-P0805-42-1000-F Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  RTD-P0805-42-1000-F Datasheet HTML 1Page - IRC - a TT electronics Company. RTD-P0805-42-1000-F Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RTD Series Issue February 2006
IRC Advanced Film Division
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
Platinum Temperature
Sensor
Ordering Data
Physical Data
L
a
W
H
b
TOP
SIDE
BOTTOM
please contact our Applications Team using the contact details below.
RTD
-
P1206
- 43
-
1001
-
D
Model
P1206 = 1206 chip with standard SnPb terminations
P1206LF = 1206 chip with Pb-Free terminations
P0805 = 0805 chip with standard SnPb terminations
P0805LF = 0805 chip with Pb-Free terminations
P0603 = 0603 chip with standard SnPb terminations
P0603LF = 0603 chip with Pb-Free terminations
Temperature Coefficient
42 = +3850 ppm/°C ±100 ppm/°C
43 = +3850 ppm/°C ± 50 ppm/°C
Resistance Code
Standard 4 Digit Resistance Code
Ex: 1000 = 100
Ω; 1001 = 1000Ω
Tolerance Code
D= ±0.5%
F= ±1.0%
G=±2.0%
J=±5.0%
L
W
H
a
b
P0603
0.063”±0.004”
0.031”±0.004”
0.020”±0.004”
0.008”±0.004”
0.008”±0.004”
P0805
0.081”±0.005”
0.050”±0.005”
0.020”±0.006”
0.016”±0.008”
0.016”±0.008”
P1206
0.126”±0.006”
0.063”±0.005”
0.024”±0.004”
0.016”±0.008”
0.016”±0.008”


Similar Part No. - RTD-P0805-42-1000-F

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RTD-0505 RECOM-RTD-0505 Datasheet
115Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RTD-0505 RECOM-RTD-0505 Datasheet
97Kb / 3P
   2 Watt SMD Single & Dual Output
RTD-0505 RECOM-RTD-0505 Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
RTD-0505HP RECOM-RTD-0505HP Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
RTD-0505P RECOM-RTD-0505P Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
More results

Similar Description - RTD-P0805-42-1000-F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
   Platinum Temperature Sensor
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
   Platinum Temperature Sensor
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
   THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
Vishay Siliconix
PTSAT VISHAY-PTSAT Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS-AT VISHAY-PTS-AT Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS VISHAY-PTS Datasheet
110Kb / 6P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS0603 VISHAY-PTS0603 Datasheet
134Kb / 6P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 29-Jan-08
logo
RHOPOINT COMPONENTS
51206902 RHOPOINT-51206902 Datasheet
147Kb / 1P
   Platinum Temperature Sensor CPT 100 SMD 1206
CPT1000 RHOPOINT-CPT1000 Datasheet
119Kb / 1P
   Platinum Temperature Sensor SMD 1206 CPT 1000
logo
List of Unclassifed Man...
PPG501C1 ETC2-PPG501C1 Datasheet
87Kb / 1P
   PLATINUM RTD SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com